Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC5014AEVB Datasheet(PDF) 16 Page - Semtech Corporation

Part # SC5014AEVB
Description  High Efficiency 2-Channel HB LED Driver with I2C Interface and Direct PWM Dimming
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC5014AEVB Datasheet(HTML) 16 Page - Semtech Corporation

Back Button SC5014AEVB Datasheet HTML 12Page - Semtech Corporation SC5014AEVB Datasheet HTML 13Page - Semtech Corporation SC5014AEVB Datasheet HTML 14Page - Semtech Corporation SC5014AEVB Datasheet HTML 15Page - Semtech Corporation SC5014AEVB Datasheet HTML 16Page - Semtech Corporation SC5014AEVB Datasheet HTML 17Page - Semtech Corporation SC5014AEVB Datasheet HTML 18Page - Semtech Corporation SC5014AEVB Datasheet HTML 19Page - Semtech Corporation SC5014AEVB Datasheet HTML 20Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 27 page
background image
SC5014A
6
Applications Information (continued)
Fault Protection
The SC504A provides fault detection for low supply
voltage, LED related faults, boost converter over-voltage
and thermal shutdown. The open drain output pin (FLT)
indicates a system fault. The nature of the fault can be read
from the fault status resistor (register address: 0x00) via I2C
interface. Refer to Table  for a description of the Fault
Protection Modes.
Other Possible Configurations
Depending on different application requirements, the
SC504A can also be easily configured to other topolo-
gies, such as the SEPIC configuration shown in Figure 4,
page 2.
Li-Ion Powered Display Configuration
If a Li-Ion powered display application is required, V
CC is
needed to power with 5V. However, V
IN can be set lower
from 3V to 4.2V for example. An advantage of this type of
configuration is that it provides higher efficiency. Please
use Figure 3 on page 20 for reference.
High Output Voltage Configuration
If a high output voltage application is required, an addi-
tional external cascode MOSFET can be added on each IO
pin to meet such requirement, please refer to Figure 5 on
page 2 for reference.
In this case, the upper limit on the output voltage is mainly
determined by the rating of the external MOSFET, heat
dissipation, etc.
PCB Layout Considerations
The placements of the power components outside the
SC504A should follow the layout guidelines of a general
boost converter. The Detailed Application Circuit is used
as an example.
Capacitor (C2) should be placed as close as possible to
the VCC and AGND to achieve the best performance.
Capacitor (C) is the input power filtering capacitor for
the boost. It needs to be tied to PGND.
.
2.
The converter power train inductor (L) is the boost
converter input inductor. Use wide and short traces
connecting these components.
The output rectifying diode (D) uses a Schottky diode
for fast reverse recovery. Transistor (Q) is the external
switch. Resistor (R9) is the switch current sensing resis-
tor. To minimize switching noise for the boost con-
verter, the output capacitor (C6) should be placed
such that the loop formed by Q, D, C6 and R9, is
minimized. The output of the boost converter is used
to power up the LEDs. Use wide and short trace con-
necting Pin NDRV and the gate of Q. The GNDs for R9
and C6 should be PGND. These components should
be close to the SC504A.
Resistor (R8) is the output current adjusting resistor
for IO through IO2 and should return to AGND. Place
it next to the IC.
Resistor (R6) is the switching frequency adjusting
resistor and should return to AGND. Place it next to
the IC.
The decoupling capacitor (C3) for Pin REF should
return to AGND. Place it next to the IC.
Resistors (R4, R5) form a divider to set the SCP level, R4
should return to AGND. Place it next to the IC.
Resistors (R2, R) form a divider to set the UVLO level
for UVLO pin. R should return to AGND. Place it next
to the IC.
R and R0 form a divider to set the OVP level for
VOUT, R0 should return to AGND. Place it next to the
IC.
All the traces for components with AGND connection
should avoid being routed close to the noisy areas.
An exposed pad is located at the bottom of the
SC504A for heat dissipation and analog ground. A
copper area underneath the pad is used for better
heat dissipation. On the bottom layer of the PCB
another copper area, connected through vias to the
top layer, is used for better thermal performance. The
pad at the bottom of the SC504A should be con-
nected to AGND. AGND should be connected to PGND
at a single point for better noise immunity.
3.
4.
5.
6.
7.
8.
9.
0.
.
2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com