Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC5014AEVB Datasheet(PDF) 18 Page - Semtech Corporation

Part # SC5014AEVB
Description  High Efficiency 2-Channel HB LED Driver with I2C Interface and Direct PWM Dimming
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC5014AEVB Datasheet(HTML) 18 Page - Semtech Corporation

Back Button SC5014AEVB Datasheet HTML 14Page - Semtech Corporation SC5014AEVB Datasheet HTML 15Page - Semtech Corporation SC5014AEVB Datasheet HTML 16Page - Semtech Corporation SC5014AEVB Datasheet HTML 17Page - Semtech Corporation SC5014AEVB Datasheet HTML 18Page - Semtech Corporation SC5014AEVB Datasheet HTML 19Page - Semtech Corporation SC5014AEVB Datasheet HTML 20Page - Semtech Corporation SC5014AEVB Datasheet HTML 21Page - Semtech Corporation SC5014AEVB Datasheet HTML 22Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 27 page
background image
SC5014A
8
Application Information (continued)
V
RIPPLE–Peaktopeakoutputripple.
The ripple voltage should be less than 200mV (pk-pk) to
ensure good LED current sink regulation. For example, a
typical application where 240mA/string current is needed,
the total output current for 2 channels will be 480mA, and
6x 4.7µF capacitors are recommended.
During load transient, the output capacitor supplies or
absorbs additional current before the inductor current
reaches its steady state value. Larger capacitance helps
with the overshoot/undershoot during load transient and
loop stability.
Input Capacitor Selection
X5R or X7R ceramic capacitor is recommended for input
bypass capacitor. A µF capacitor is sufficient for the VCC
input. Bypass the VIN input with a 0µF or larger ceramic
capacitor.
Output Freewheeling Diode Selection
Schottky diodes are the ideal choice for the SC504A due
to their low forward voltage drop and fast switching
speed. Table 3 shows several different Schottky diodes
that work properly with the SC504A. Verify that the diode
has a voltage rating greater than the maximum possible
output voltage. The diode conducts current only when
the power switch is turned off. The diode must be rated to
handle the average output current. A diode rated for A
average current will be sufficient for most designs.
Table 3. Recommended Rectifier Diodes
Rectifier Diode
Vendor Website
DFLS40
www.diodes.com
SS4/5/6, SS24/25/26
www.vishay.com
External Power MOSFET Selection
The boost converter in SC504A uses an external power
MOSFET to regulate the output voltage and output power
to drive LED loads. This boost switching structure has an
advantage in that the SC504A is not exposed to high
voltage. Only the external power MOSFET, freewheeling
diode and the inductor will be exposed to the output
voltage. The external power MOSFET should be selected
with its voltage rating higher than the output voltage by
minimum 30%. The current rating should be enough to
handle the inductor peak current. Low R
DS(on) MOSFETs
are preferred for achieving better efficiency.
The GD (gate driver) on SC504A provides A (peak)
current driving capability which is suitable for most
MOSFETs for high frequency operation. The average
current required to drive the MOSFET is given by the fol-
lowing equation.
I
GATE=QGxfSW
Q
G—Gatecharge
The R
DS(ON) and its RMS current IS_RMS of the power MOSFET
will generate the conduction loss using the following
equation.
P
COND=IS_RMS
2
xR
DS(on)
The MOSFET’s switch loss can be calculated using the fol-
lowing equation.
P
SW=½xVINxIL_PEAKxfSWx(TON+TOFF)
WhereT
ONandTOFFaretheMOSFET’sonandofftime
and they can be estimated by the following
equations.
(
)
(
)
g
plateau
gd
r
ON
R
/
V
Q
t
T
+
−
+
=
5
5
(
)
g
plateau
gd
f
OFF
R
/
V
Q
t
T
+
+
=
5
Where t
r, tf, Qgd and Vplateau can usually be found from data-
sheet of the selected MOSFET. R
g is the resistance of the
optional resistor connected in series on the gate of the
MOSFET.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com