Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC5014AEVB Datasheet(PDF) 9 Page - Semtech Corporation

Part # SC5014AEVB
Description  High Efficiency 2-Channel HB LED Driver with I2C Interface and Direct PWM Dimming
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC5014AEVB Datasheet(HTML) 9 Page - Semtech Corporation

Back Button SC5014AEVB Datasheet HTML 5Page - Semtech Corporation SC5014AEVB Datasheet HTML 6Page - Semtech Corporation SC5014AEVB Datasheet HTML 7Page - Semtech Corporation SC5014AEVB Datasheet HTML 8Page - Semtech Corporation SC5014AEVB Datasheet HTML 9Page - Semtech Corporation SC5014AEVB Datasheet HTML 10Page - Semtech Corporation SC5014AEVB Datasheet HTML 11Page - Semtech Corporation SC5014AEVB Datasheet HTML 12Page - Semtech Corporation SC5014AEVB Datasheet HTML 13Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
SC5014A
9
LEDDimming
Testing condition: VIN=12V, 25 , LEDs=10S4P@100mA/CH, 1MHz,
PWMI=30KHz, Duty=4%
V_IO1
/FLT
IOUT
VOUT
LEDDimming
Testing condition: VIN=12V, 25 , LEDs=10S4P@100mA/CH, 1MHz,
PWMI=100Hz, Duty=0.04%
V_IO1
/FLT
IOUT
VOUT
AnalogDimmingTransientviaI2C
Testing condition: VIN=12V, 25 , LEDs=10S4P@100mA/CH, 1MHz,
100% to 9.68%
V_IO1
SDA
IOUT
VOUT
AnalogDimmingTransientviaI2C
Testing condition: VIN=12V, 25 , LEDs=10S4P@100mA, 1MHz, 0% to
100%
V_IO1
SDA
IOUT
VOUT
Time (5ms/div)
PWM Dimming
Analog Dimming Transient via I2C
Analog Dimming Transient via I2C
0% to 100% dimming, 200mA/CH
Typical Characteristics (continued)
V
IO1
5V/div.
PWM
6V/div.
V
OUT
1V/div.
I
OUT
200mA/div.
Time (10us/div)
V
IO1
3V/div.
I
OUT
200mA/div.
V
OUT
1V/div.
PWM
6V/div.
PWM Dimming
Time (100us/div)
Time (100us/div)
100% to 9.68% dimming, 200mA/CH
Line Transient Response
Line Transient Response
Time (500us/div)
Time (20ms/div)
0.04% dimming@100Hz, V
IN=12V, 10S2P, 200mA/CH
4% dimming@30KHz, V
IN=12V, 10S2P, 200mA/CH
V
IO1
1V/div.
SDA
6V/div.
V
OUT
10V/div.
I
OUT
200mA/div.
7V
IN to 18VIN, 200Hz and 100% dimming duty, 200mA/CH
LineTransientResponse
V_IO1
IOUT
VIN
Vout
Testing condition: Vin fluctuation (7V to 18V), PWM dimming Freq.=200Hz,
PWM dimming duty=100%; VIN rising time ≈10us, 25 ;
V
IO1
1V/div.
I
OUT
200mA/div.
V
OUT
1V/div.
V
IN
5V/div.
7V
IN to 18VIN, 200Hz and 0.5% dimming duty, 200mA/CH
SDA
6V/div.
I
OUT
200mA/div.
V
OUT
10V/div.
V
IO1
1V/div.
LineTransientResponse
V_IO1
PWMI
VIN
Vout
Testing condition: Vin fluctuation (7V to 18V), PWM dimming Freq.=200Hz,
PWM dimming duty=0.5%; VIN rising time 10us, 25 ;
PWM
5V/div.
V
IN
5V/div.
V
OUT
1V/div.
V
IO1
1V/div.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com