Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL12022M-R5421 Datasheet(PDF) 3 Page - Intersil Corporation

Part # ISL12022M-R5421
Description  Intersil?셲 Solutions for Industrial Process Control
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL12022M-R5421 Datasheet(HTML) 3 Page - Intersil Corporation

  ISL12022M-R5421 Datasheet HTML 1Page - Intersil Corporation ISL12022M-R5421 Datasheet HTML 2Page - Intersil Corporation ISL12022M-R5421 Datasheet HTML 3Page - Intersil Corporation ISL12022M-R5421 Datasheet HTML 4Page - Intersil Corporation ISL12022M-R5421 Datasheet HTML 5Page - Intersil Corporation ISL12022M-R5421 Datasheet HTML 6Page - Intersil Corporation ISL12022M-R5421 Datasheet HTML 7Page - Intersil Corporation ISL12022M-R5421 Datasheet HTML 8Page - Intersil Corporation ISL12022M-R5421 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
INTERSIL SELECTION GUIDE | INDUSTRIAL PROCESS CONTROL SOLUTIONS
www.intersil.com/industrial_process_control | 3
POWER
RS-485
DAC
-V
+V
Precision
Amps
-V
+V
Precision
Amps
M
U
X
ADC
-V
+V
-V
+V
Actuators
Motors
Control loops
ANALOG SIGNAL INPUT MODULEs
ANALOG SIGNAL OUTPUT MODULE
RTC
Core &
I/O Power
Switching
Controller
Gain
Amplifiers
Active
Filters
Buffer, Filters,
Span Drivers
Precision
Amps
Precision
Amps
µC
LDO’s
VREF
VREF
Precision
Amps
Master
µC
RS-485
Differential
Pressure
Transducer
w/ √
Extractor
Pressure/Strain Gage Sensor
Temperature Sensor
Flow Sensor
DCP
M
U
X
I2C Bus
-V
+V
Precision
Amps
-V
Precision
Amps
Gain
Amplifiers
Active
Filters
-V
+V
Precision
Amps
-V
Precision
Amps
Gain
Amplifiers
Active
Filters
+V
+V
MUX and ADC
V
Thermacouple
ISO-Thermal
Block
RTD
Loop Supply
4-20mA
Vin
Iout
DCP
Switching
Regulator
V
System
Power
VREF
VREF
Precision
Amps
High
Voltage
Input Signal
Switching
Regulators
LDO
Isolator
+V
-V
Isolated Power
RTC
RS-232
Voltage
Monitors &
Watchdog
High Voltage Input Rail ~24V
Single Ended
Controller
Contents
PLC (Program Logic Controllers) Application 4
Analog Input
Mixed Signal High Voltage - Quad Op Amps to 24-bit
Sigma Delta
4
Analog Output
High Voltage Output Voltage and 0-20mA Current
Loop
8
Sensors
Low Noise Precision Sensor Chipset Solutions
10
High Voltage Bridge Sensor Signal Conditioning
10
Control
Real Time Clock
12
Power
HV Dual Supply Power Solution
13
DCS (Distributed Control Systems) Application 14
Analog Input
High Voltage and Low Voltage, Low Power
Solutions
14
For Distributed Control Systems
14
Control
RS-485/422
16
Sensors
Wireless Strain Gauge Sensor
17
Additional Recommended Industrial Products 18
Design Resources 20
iSIM
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com