Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL12022M-R5421 Datasheet(PDF) 5 Page - Intersil Corporation

Part # ISL12022M-R5421
Description  Intersil?셲 Solutions for Industrial Process Control
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL12022M-R5421 Datasheet(HTML) 5 Page - Intersil Corporation

  ISL12022M-R5421 Datasheet HTML 1Page - Intersil Corporation ISL12022M-R5421 Datasheet HTML 2Page - Intersil Corporation ISL12022M-R5421 Datasheet HTML 3Page - Intersil Corporation ISL12022M-R5421 Datasheet HTML 4Page - Intersil Corporation ISL12022M-R5421 Datasheet HTML 5Page - Intersil Corporation ISL12022M-R5421 Datasheet HTML 6Page - Intersil Corporation ISL12022M-R5421 Datasheet HTML 7Page - Intersil Corporation ISL12022M-R5421 Datasheet HTML 8Page - Intersil Corporation ISL12022M-R5421 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
INTERSIL SELECTION GUIDE | INDUSTRIAL PROCESS CONTROL SOLUTIONS
www.intersil.com/industrial_process_control | 5
PLC
High Voltage Ultra Precision Op Amp: ISL28210
Part Number
Supply
Voltage (V)
Rail-To-Rail
Vos
Max @
25°C
TCVos
Typ
Ib Max
@
25°C
CMRR
min @
25°C
PSRR
min @
25°C
Av
min @
25°C
Is Max
@
25°C
GBW
Slew
Rate
Noise
0.1 to
10Hz
Voltage
Noise @
1kHz
Current
Noise @
1kHz
Single
Dual
Quad
Min Max
In
Out
µV
µV/°C
nA
dB
dB
dB
mA
MHz
V/µs
µVpp
nV/√Hz
fA/√Hz
ISL28117B ISL28217B ISL28417B 4.5
40
No
No
50
0.14
1
120
120
129.5
0.53
1.5
0.5
0.25
8
100
ISL28127 ISL28227
4.5
40
No
No
70
0.1
10
115
115
120
2.8
10
3.6
0.085
2.5
400
ISL28107 ISL28207
ISL28407
4.5
40
No
No
75
0.1
0.3
115
115
129.5
0.29
1
0.32
0.34
13
53
ISL28117C ISL28217C ISL28417C 4.5
40
No
No
100
0.14
1
120
120
129.5
0.53
1.5
0.5
0.25
8
100
ISL28118
ISL28218
3
40
Single Supply Yes
230
0.3
575
103
109
124.7
1.1
4
1.2
0.3
5.6
355
ISL28177
4.5
40
No
No
150
0.5
1
120
115
120
1.4
0.6
0.2
0.38
9.5
87
ISL28108 ISL28208
ISL28408
3
40
Single Supply Yes
250
0.1
43
105
110
117
0.25
1.2
0.45
0.58
15.8
80
ISL28110
ISL28210
9
40
No
No
300
1
0.002
88
102
104
2.9
12.5
23
0.6
6
9
High Voltage Ultra Precision Op Amp: ISL28417
40V Quad, Low Power,
Low Noise Precision
Bipolar Op Amp
• Low Input Offset..................±50μV, Max
• Superb Offset TC............ 0.6μV/°C, Max
• Input Bias Current ............... ±1nA, Max
• Input Bias Current TC .....±5pA/°C, Max
• Low Current Consumption .........440μA
Key Features
Analog Input
Analog Output
Control
Sensors
Power
Low Offset Drift of 0.6µV/°C MAX
Very High Impedance
VS = ± 15V
0
2
4
6
8
10
12
14
16
18
-0.45
-0.30
-0.15
0
0.15
0.30
0.45
VOSTC (µV/°C)
• Voltage Noise .......................... 8nV/√Hz
• Bandwidth................................. 1.5MHz
• Wide Supply Range ............. 4.5V to 40V
• Operating Temperature Range.............
..................................... -40°C to +125°C
• ISL28210 is ideal for Flow Sensors and other high
impedance applications.
+
-
Transimpedance Amp
Photodiode
ISL28210 has Very High
560GΩ Input Impedance
ISL28210
Key Features
• Wide Supply Range ................ 9V to 40V
• Low Voltage Noise .................. 6nV/√Hz
• Low Input Bias Current...................2pA
• High Slew Rate...........................20V/μs
• High Bandwidth....................... 12.5MHz
• Low Input Offset..................300μV, Max
• Low Current Consumption .......2.55mA
• Wide Tempe Range ..... -40°C to +125°C
Applications
• High Impedance Buffers
• Medical Instrumentation
• Flow Sensor
• ATE/Test
• Data Acquisition
40V Dual Precision,
Low Noise, JFET Op Amp
Evalboard
Available!
Evalboard
Available!



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com