Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL12022M-R5421 Datasheet(PDF) 18 Page - Intersil Corporation

Part # ISL12022M-R5421
Description  Intersil?셲 Solutions for Industrial Process Control
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL12022M-R5421 Datasheet(HTML) 18 Page - Intersil Corporation

Back Button ISL12022M-R5421 Datasheet HTML 12Page - Intersil Corporation ISL12022M-R5421 Datasheet HTML 13Page - Intersil Corporation ISL12022M-R5421 Datasheet HTML 14Page - Intersil Corporation ISL12022M-R5421 Datasheet HTML 15Page - Intersil Corporation ISL12022M-R5421 Datasheet HTML 16Page - Intersil Corporation ISL12022M-R5421 Datasheet HTML 17Page - Intersil Corporation ISL12022M-R5421 Datasheet HTML 18Page - Intersil Corporation ISL12022M-R5421 Datasheet HTML 19Page - Intersil Corporation ISL12022M-R5421 Datasheet HTML 20Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
INTERSIL SELECTION GUIDE | INDUSTRIAL PROCESS CONTROL SOLUTIONS
18 | www.intersil.com/industrial_process_control
Additional Recommended Industrial Products
Where Used
Part Numbers
Key Features / Advantages
Op Amps
Analog Input Modules
Sensor Signal Conditioning
Gain Blocks, Filtering
Output Drivers
ISL28127, ISL28127
40V, Ultra Low Noise, Low VOS & Drift
ISL28117, ISL28217, ISL28417
40V, Low Noise, Low VOS, Low IBIAS, Low Power, Low TC VOS Drift
ISL28107, ISL28207, ISL28407
40V, Ultra Low IBIAS Drift, Low VOS &, Low Power
ISL28108/208/408
40V, Low Power, Single Supply, RRO OPA
ISL28118/218
40V, Low Noise, Single Supply, RRO OPA
ISL28110/210
40V, Low Noise, JFET Input OPA
ISL28176, ISL28276, ISL28476
5V, Low Power, Low Noise, No VCM Distortion
ISL28113, ISL28213, ISL28413
5V Low Cost 2MHz CMOS OPA
ISL28130/ISL28230/ISL28430
5V Low Cost, MicroPower OPA
ISL28133/ISL28233/ISL28433
5V MicroPower, Chopper Stabilized OPA
ISL28134
5V, Low Noise, Chopper Stabilized OPA
ISL28114, ISL28124, ISL28414
5V Low Cost 5MHz CMOS OPA
Instrumentation
Amps
Analog Input Modules
Sensor Signal Conditioning
EL8170, ISL28270, EL8173
Low Power, Low Offset, High CMRR, Enable Pin
Wide Input Common Mode Range, Rail to Rail Input and Output
Sensor Calibration & Bias
ADC Reference
CPU Reference
ISL21090
36V Low Noise Bandgap Reference, High Accuracy
Voltage
Reference
ISL21009
16V Low Power and Low Noise, High Accuracy
ISL21060
5V Micro Power, VOUT Force & Sense
ISL60002
5V Ultra Low Power, High Accuracy
Interface
Non Isolated Interface to
Micro Controller
ISL317xE
3V IEC6000 ESD RS485 w/ Hot Plug & Fail Safe
ISL315xE
5V IEC6000 ESD RS485 w/ Hot Plug & Fail Safe
ISL328x/9x
Single Tx/Rx RS-485/422
ISL32x7xE
Quad Tx/Rx RS-485/422
ISL81387, ISL41387
±15kV ESD 5V, Dual Protocol (RS-232/RS-485)
ISL3330/1/2/3
Single/Dual Channel ±15kV ESD 3V, Dual Protocol (RS-232/RS-485)
Switch/Mux
Direct Sensor Input to AFE
Between Input Amp and ADC
Between Output Module DAC and
Actuator Driver
DG409
DG408
40V Supply, Low RON, Low Charge Injection, Wide Input Voltage Range
16:1 SE or 8:1 Diff Options
HI-506, HI-507
HI-508, HI509
40V Supply, 70V Over Voltage Protection, Wide Input Voltage Range
16:1 SE, 8:1 Diff or 8:1 SE, 4:1 Diff, Options
Digital
Potentiometers
(DCPs)
Sensor Calibration & Bias
Input Module Amp Gain
Adjustment
Output Module Amp Gain
Adjustment
ISL22316, ISL22326, ISL22346
128 Tap, 125°C Non Volatile, Low Noise, Low Power, I2C Interface,
Shutdown
ISL96017
128 Tap, Non Volatile, I2C , DCP with 16k bits User Memory, Small
Package
ISL22317
128 Tap, 1% Accurate Non Volatile, I2C Interface DCP
ISL95811
256 Tap, Non Volatile, Low Power, I2C Interface DCP with 5 Bytes of
User Memory
ISL22313, ISL22323, ISL22343
256 Tap, Dual Supply, Non Volatile, Low Power, I2C Interface
ISL22414, ISL22424, ISL22444
256 Tap, Dual Supply, Non Volatile, Low Power, SPI Interface
RTC
External Micro Controller Clock
ISL12022, ISL12023
2:1 RTC + Temp Sensor, Many Control Functions
ISL12020M, ISL12022M
3:1 RTC + Temp Sensor + Crystal, 5ppm Temp Accuracy
ISL12057, ISL12058, ISL12059
1.8V - 3.6V, Low Power, Low Cost Basic RTC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com