Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL12022M-R5421 Datasheet(PDF) 17 Page - Intersil Corporation

Part # ISL12022M-R5421
Description  Intersil?셲 Solutions for Industrial Process Control
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL12022M-R5421 Datasheet(HTML) 17 Page - Intersil Corporation

Back Button ISL12022M-R5421 Datasheet HTML 12Page - Intersil Corporation ISL12022M-R5421 Datasheet HTML 13Page - Intersil Corporation ISL12022M-R5421 Datasheet HTML 14Page - Intersil Corporation ISL12022M-R5421 Datasheet HTML 15Page - Intersil Corporation ISL12022M-R5421 Datasheet HTML 16Page - Intersil Corporation ISL12022M-R5421 Datasheet HTML 17Page - Intersil Corporation ISL12022M-R5421 Datasheet HTML 18Page - Intersil Corporation ISL12022M-R5421 Datasheet HTML 19Page - Intersil Corporation ISL12022M-R5421 Datasheet HTML 20Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
INTERSIL SELECTION GUIDE | INDUSTRIAL PROCESS CONTROL SOLUTIONS
www.intersil.com/industrial_process_control | 17
DCS
5V Op Amps: ISL28233, ISL28433
Wireless Strain Gauge Sensor
Micropower,
Chopper Stabilized, RRIO
Operational Amplifiers
Key Features
• Low Input Offset Voltage: 6μV, Max.
• Low Offset Drift: 0.05μV/°C, Max.
• Input Bias Current: 180pA, Max.
• Noise (0.01Hz to 10Hz): 1.0μVP-P, Typ.
• Quiescent Current (per amp): 8μA, Typ.
• Single Supply Range: 65V to +6.0V
• Temperature Range: -40°C to +125°C
• Rail-to-Rail Inputs and Output
The ISL28233 and ISL28433 are dual and quad
micropower, chopper stabilized operational
amplifiers that are optimized for single and dual
supply operation from 1.8V to 6.0V. Their low supply
current of 18μA and wide input range enable the
ISL28233, ISL28433 to be excellent general purpose
op amps for a wide range of applications.
Typical Application Circuit - Temperature Measurement
+
-
V+
VREF
ISL21009
ISL21090
V-
Intersil
Low Drift Precision Op Amps
Digital Potentiometer
ISL22323
iso-block
Temp
Diode
Zero Drift
ADC
12-14bit
SAR
Strain
Gauge
Sensor
Out+
IN+
IN-
Wireless Transmitter
V-
V+
51µW
3.3mW
µController
TX
ISL54051
ISL2671286
ISL2632X
Ultralow Power Chopper Stabilized
Zero Offset Op Amp
ISL28133
• SOT-23 package
1.6mm x 1.6mm µTDFN
12-Bit, 20kSPS SAR ADC
• SOT-23 package
3mm x 3mm DFN
ISL78301
High Voltage LDO
ISL98012
Wide Vin Boost
Regulator
Power Supply Solutions
Analog Input
Analog Output
Control
Sensors
Power
Evalboard
Available!
Evalboard
Available!
Low Power Analog Signal Conditioning
Part Number
Supply
Voltage (V) Rail-To-Rail
Vos Max
@ 25°C
TCVos
Max
Ib Max
@
25°C
CMRR
min @
25°C
PSRR
min @
25°C
Is Max
@
25°C GBW
Slew
Rate
Noise
0.1 to
10Hz
Voltage
Noise @
1kHz
Package
Single
Dual
Quad
Min Max
In
Out
µV
µV/°C
nA
dB
dB
mA
MHz
V/µs
µVpp
nV/√Hz
Single
Dual
Quad
ISL28133* ISL28233 ISL28433 1.8
5.5
Yes
Yes
6
0.05
0.18
118
110
0.025
0.4
0.2
1
65
SC70, SOT23,
TDFN
MSOP, SOIC,
TDFN
SOIC, TSSOP,
TDFN
ISL28134
2.25
6
Yes
Yes
2.5
0.015
0.3
120
120
0.900
3.5
1.5
0.25
10
SOIC
*Some specifications will differ, please check data sheet for actual parameters and/or conditions
-0.50
-0.40
-0.30
-0.20
-0.10
0.00
0.10
0.20
0.30
0.40
0.50
0
1
2
3
4
5
6
7
8
9 10 11 12 13 14 15
Months
ISL28233 Long Term VOS Drift
Best in Class Performance for Precision and Drift
Long Term VOS Drift
Zero Drift



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com