Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL12022M-R5421 Datasheet(PDF) 15 Page - Intersil Corporation

Part # ISL12022M-R5421
Description  Intersil?셲 Solutions for Industrial Process Control
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL12022M-R5421 Datasheet(HTML) 15 Page - Intersil Corporation

Back Button ISL12022M-R5421 Datasheet HTML 11Page - Intersil Corporation ISL12022M-R5421 Datasheet HTML 12Page - Intersil Corporation ISL12022M-R5421 Datasheet HTML 13Page - Intersil Corporation ISL12022M-R5421 Datasheet HTML 14Page - Intersil Corporation ISL12022M-R5421 Datasheet HTML 15Page - Intersil Corporation ISL12022M-R5421 Datasheet HTML 16Page - Intersil Corporation ISL12022M-R5421 Datasheet HTML 17Page - Intersil Corporation ISL12022M-R5421 Datasheet HTML 18Page - Intersil Corporation ISL12022M-R5421 Datasheet HTML 19Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
INTERSIL SELECTION GUIDE | INDUSTRIAL PROCESS CONTROL SOLUTIONS
www.intersil.com/industrial_process_control | 15
DCS
12-Bit SAR ADC: ISL2671286, ISL267817
Integrated FET Buck Regulators: ISL85001
Intersil P/N
Competitor’s P/N
Device Description
Resolution (bits)
Conversion Rate (kSPS)
Packages (All 8 lead)
ISL267440 (Coming soon)
AD7440 (ADI)
10 Bit 1MSPS SAR ADC
10
1000
SOT-23, MSOP
ISL267450 (Coming soon)
AD7450 (ADI)
12 Bit 1MSPS SAR ADC
12
1000
SOIC, MSOP
ISL267450A (Coming soon)
AD7450A (ADI)
12 Bit 1MSPS SAR ADC
12
1000
SOT-23, MSOP
ISL267452 (Coming soon)
AD7452 (ADI)
12 Bit 555kSPS SAR ADC
12
555
SOT-23
ISL2671286 (Sampling)
ADS1286 (TI)
12 Bit Single Ended 20kHz SAR ADC
12
20
SOIC
ISL267817 (Sampling)
ADS7817 (TI)
12 Bit 200kSPS SAR ADC
12
200
SOIC, MSOP
ISL26708 (Coming soon)
Proprietary
8 Bit 1MSPS SAR ADC
8
1000
3x3 DFN, SOT-23
ISL26710 (Coming soon)
Proprietary
10 Bit 1MSPS SAR ADC
10
1000
3x3 DFN, SOT-23
ISL26712 (Coming soon)
Proprietary
12 Bit Single Ended 20kHz SAR ADC
12
1000
3x3 DFN, SOT-23
Analog Input
Analog Output
Control
Sensors
Power
Serial
Interface
VDD
VREF
GND
AIN+
AIN–
SCLK
DOUT
CSB
SAR
Logic
VREF
ISL267817
Evalboard
Available!
Evalboard
Available!
Low Cost SAR A/D
Converter Family
1A, High VIN STD
Buck Regulator
Block Diagram
Typical Application : Positive Vout
• 100% Drop-In Compatible with Performance Equal
or Better than Highest Grades
• Improved Alternative to Popular Competing Devices
• Simple SPI-Compatible Serial Digital Interface
• Guaranteed No Missing Codes
• Low Operating Power
- 2.15mW (200kSPS)
• Power-Down Current Between Conversions: 3μA
• Excellent Differential Non-Linearity (1.0LSB max)
• Available in MSOP, SOT-23 and SOIC Packages
• Standard Buck Controller with Integrated
Switching Power MOSFET
• Integrated Boot Diode
• Wide Input Voltage Range
- Fixed 5V ±10%
- Variable 5.5V to 25V
• PWM Output Voltage Adjustable from 0.6V to 19V
with Continuous Output Current up to 1A
• Externally Adjustable Soft-Start Time
• “Power OK” and “Enable”
Key Features
Key Features
Typical Application : Negative Vout
ISL8500 / ISL85001
+
+
-Vout
Vin
GND
8
13
9
7
6
5
4
2
12
11
1
U1
10
3
5.5V TO 25V
ISL85001
VIN
GND
C2
R2
C13
VDD
C9
PG
C5
EN
R1
R3
R4
C3
C1
VOUT
C11
L
PHASE
BOOT
VOUT = 2.5V
C10
301 100pF
10k
10pF
2.2nF
31k
3.16k
0.1µF
1µF
0.1µF
D
22µH
B340LB
47µF
10µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com