Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL12022M-R5421 Datasheet(PDF) 2 Page - Intersil Corporation

Part # ISL12022M-R5421
Description  Intersil?셲 Solutions for Industrial Process Control
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL12022M-R5421 Datasheet(HTML) 2 Page - Intersil Corporation

  ISL12022M-R5421 Datasheet HTML 1Page - Intersil Corporation ISL12022M-R5421 Datasheet HTML 2Page - Intersil Corporation ISL12022M-R5421 Datasheet HTML 3Page - Intersil Corporation ISL12022M-R5421 Datasheet HTML 4Page - Intersil Corporation ISL12022M-R5421 Datasheet HTML 5Page - Intersil Corporation ISL12022M-R5421 Datasheet HTML 6Page - Intersil Corporation ISL12022M-R5421 Datasheet HTML 7Page - Intersil Corporation ISL12022M-R5421 Datasheet HTML 8Page - Intersil Corporation ISL12022M-R5421 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
INTERSIL SELECTION GUIDE | INDUSTRIAL PROCESS CONTROL SOLUTIONS
2 | www.intersil.com/industrial_process_control
Typical Industrial Control Loop Block Diagram
Intersil Corporation is a global technology leader specializing
in the design and manufacture of high performance analog
semiconductors. Built on a solid foundation, with many years
of analog experience, Intersil is committed to developing
leadership solutions for the Industrial market. Over the past
several years, Intersil has heavily invested and will continue to
invest in robust technology capable of supporting the demanding
requirements of the Industrial market. Intersil’s proprietary 40V
precision silicon-on-insulator (SOI) bipolar process technology,
developed, specifically to target the Industrial market and the
growing portfolio of leadership precision amplifiers, are excellent
examples of this commitment.
Precision data acquisition solutions are required for a broad
range of Industrial applications. Programmable logic controllers
(PLC), distributed control systems (DCS), smart transmitters,
and general-purpose data acquisition are used in the majority
of these Industrial systems. These applications utilize various
types of sensors and feedback mechanisms to monitor and
control machine or system interactions by collecting, storing,
and analyzing data. Sensor data acquisition involves precision
measurement and processing of analog variables, such as
voltages and currents, where there is a need to sense very
small changes. Intersil’s broad portfolio of analog, power and
interface solutions makes it well positioned to deliver world class
solutions to Industrial customers. In this solutions brochure, you
will find outstanding solutions from Intersil for your current and
future Industrial systems.
POWER
RS-485
DAC
-V
+V
Precision
Amps
-V
+V
Precision
Amps
M
U
X
ADC
-V
+V
-V
+V
Actuators
Motors
Control loops
ANALOG SIGNAL INPUT MODULEs
ANALOG SIGNAL OUTPUT MODULE
RTC
Core &
I/O Power
Switching
Controller
Gain
Amplifiers
Active
Filters
Buffer, Filters,
Span Drivers
Precision
Amps
Precision
Amps
µC
LDO’s
VREF
VREF
Precision
Amps
Master
µC
RS-485
Differential
Pressure
Transducer
w/ √
Extractor
Pressure/Strain Gage Sensor
Temperature Sensor
Flow Sensor
DCP
M
U
X
I2C Bus
-V
+V
Precision
Amps
-V
Precision
Amps
Gain
Amplifiers
Active
Filters
-V
+V
Precision
Amps
-V
Precision
Amps
Gain
Amplifiers
Active
Filters
+V
+V
MUX and ADC
V
Thermacouple
ISO-Thermal
Block
RTD
Loop Supply
4-20mA
Vin
Iout
DCP
Switching
Regulator
V
System
Power
VREF
VREF
Precision
Amps
High
Voltage
Input Signal
Switching
Regulators
LDO
Isolator
+V
-V
Isolated Power
RTC
RS-232
Voltage
Monitors &
Watchdog
High Voltage Input Rail ~24V
Single Ended
Controller
Intersil’s Solutions for Industrial Process Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com