Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL12022M-R5421 Datasheet(PDF) 14 Page - Intersil Corporation

Part # ISL12022M-R5421
Description  Intersil?셲 Solutions for Industrial Process Control
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL12022M-R5421 Datasheet(HTML) 14 Page - Intersil Corporation

Back Button ISL12022M-R5421 Datasheet HTML 10Page - Intersil Corporation ISL12022M-R5421 Datasheet HTML 11Page - Intersil Corporation ISL12022M-R5421 Datasheet HTML 12Page - Intersil Corporation ISL12022M-R5421 Datasheet HTML 13Page - Intersil Corporation ISL12022M-R5421 Datasheet HTML 14Page - Intersil Corporation ISL12022M-R5421 Datasheet HTML 15Page - Intersil Corporation ISL12022M-R5421 Datasheet HTML 16Page - Intersil Corporation ISL12022M-R5421 Datasheet HTML 17Page - Intersil Corporation ISL12022M-R5421 Datasheet HTML 18Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
INTERSIL SELECTION GUIDE | INDUSTRIAL PROCESS CONTROL SOLUTIONS
14 | www.intersil.com/industrial_process_control
High Voltage and Low Voltage, Low Power Solutions
For Distributed Control Systems
VREF
ISL21090
ISL21009
ADC
ISL267xx
ISL263xx
SAR
Low Noise VREF
0V to 10V
Analog Input
2.5V
Gnd
+10V to +15V
ISL28118/218/418
ISL28108/208/408
ISL28117/217/417
Single Supply
Voltage Inputs
High Impedance
Analog Input
ISL28133/233/433 (1.8V to 5.5V) Low Power
ISL28134 (2.4V to 5.5V) Low Noise
• Low Noise
• Low Offset
• Ground sense inputs
• Rail-Rail Output
• Low Power option
• Low Noise
• Low Offset
• Low Bias Current
VREF
ISL21090
ISL21009
ADC
ISL267xx
ISL263xx
SAR
Low Noise VREF
2.5V
ISL28208
ISL28133/ISL28134
Gnd
V+
Dual Supply
to Single Supply
Attenuator
Gnd
V+
VREF ISL21090
ISL21009
2.5V
Vo+
Vo-
Vin+
Vin-
• Low Noise
• Low Power
• Dual or Single Supply
High Voltage Precision Op Amps
• Accuracy Over Temperature Drift
Offset: 5µV
Offset Drift: 50nV/C
Zero Drift, Precision Op Amps
Low Power Solutions (3V)
ISL28133 @ 50µW
ISL263xx @ 5mW
ISL21009 @ 540µW
SAR Converters
• Many Competitor Pin-Pin Compatiable Solutions
• Excellent Linearity: ±0.5LSB DNL, ±1LSB INL
ISL97701
Non-Isolated
HV Dual Supply
ISL85001
Wide VIN
Buck Regulator
ICL7660S
Super Voltage
Converter
Power Supply Solutions
-V
+V
+V
-V
Analog Input
Analog Output
Control
Sensors
Power
DCS (Distributed Control Systems) Application



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com