Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL12022M-R5421 Datasheet(PDF) 8 Page - Intersil Corporation

Part # ISL12022M-R5421
Description  Intersil?셲 Solutions for Industrial Process Control
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL12022M-R5421 Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ISL12022M-R5421 Datasheet HTML 4Page - Intersil Corporation ISL12022M-R5421 Datasheet HTML 5Page - Intersil Corporation ISL12022M-R5421 Datasheet HTML 6Page - Intersil Corporation ISL12022M-R5421 Datasheet HTML 7Page - Intersil Corporation ISL12022M-R5421 Datasheet HTML 8Page - Intersil Corporation ISL12022M-R5421 Datasheet HTML 9Page - Intersil Corporation ISL12022M-R5421 Datasheet HTML 10Page - Intersil Corporation ISL12022M-R5421 Datasheet HTML 11Page - Intersil Corporation ISL12022M-R5421 Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
INTERSIL SELECTION GUIDE | INDUSTRIAL PROCESS CONTROL SOLUTIONS
PLC
8 | www.intersil.com/industrial_process_control
High Output Voltage and 0-20mA Current Loop
DAC
IOUT
4 - 20mA
Current Loop
DAC
DAC
VOUT
Dual Supply
High Impedance
±4.5V to ±20V
VOUT
Single Supply
Rail-Rail
Below V- to +40V
VSupply
ISL28208
ISL28217
ISL28210
ISL28218
ISL28208
VREF
ISL21090
ISL21009
• Wide Operating Voltage Range
to ±20V or to 40V.
• Low Power, Low Noise
High Voltage Precision Op Amps
• Low Bias Current Cancellation
Performance Over Temperature
• Fast Slew: 20V/µs
JFET-input Precision Op Amps
• Rail-Rail Outputs
Single Supply, High Voltage
Precision Op Amps
• Operates -0.5V Below V-
High Accuracy
• 0.02% Initial Accuracy
• 3ppm, 7ppm Temp Co
• 20ppm Long Term Drift
Low Noise
• 1.9µV peak-peak
(0.1H to 10Hz)
Analog Input
Analog Output
Control
Sensors
Power
Power
Analog
Vin = 8V to 37V
Vout = 40V
Typical Application : Wide Vin Boost Converter
OUT
CS
RTCT
FB
COMP
VREF
VDD
GND
• Accurate Voltage Reference
• Fast Transient Response
Flexible Singled Ended Current
Mode Controller



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com