Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL12022M-R5421 Datasheet(PDF) 12 Page - Intersil Corporation

Part # ISL12022M-R5421
Description  Intersil?셲 Solutions for Industrial Process Control
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL12022M-R5421 Datasheet(HTML) 12 Page - Intersil Corporation

Back Button ISL12022M-R5421 Datasheet HTML 8Page - Intersil Corporation ISL12022M-R5421 Datasheet HTML 9Page - Intersil Corporation ISL12022M-R5421 Datasheet HTML 10Page - Intersil Corporation ISL12022M-R5421 Datasheet HTML 11Page - Intersil Corporation ISL12022M-R5421 Datasheet HTML 12Page - Intersil Corporation ISL12022M-R5421 Datasheet HTML 13Page - Intersil Corporation ISL12022M-R5421 Datasheet HTML 14Page - Intersil Corporation ISL12022M-R5421 Datasheet HTML 15Page - Intersil Corporation ISL12022M-R5421 Datasheet HTML 16Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
INTERSIL SELECTION GUIDE | INDUSTRIAL PROCESS CONTROL SOLUTIONS
12 | www.intersil.com/industrial_process_control
PLC
Real Time Clock
Analog Input
Analog Output
Control
Sensors
Power
Block Diagram
High Accuracy Even in Extreme Temperature Conditions
RTC Modules with Embedded Crystal and Temp Comp: ISL12022M
3 in 1 RTC Module
(RTC + Embedded
Crystal + Temp Sensor)
Achieves Better than
±5ppm Accuracy
Key Features
• ±5ppm Accuracy (-40°C to +85°C)
- Factory Programmed RTC for Optimal Accuracy
- Onboard Temperature Sensor
- Embedded Crystal
• Reliable Timekeeping & Power Management
- Backup Battery Management
- Vdd and Battery Status Monitors and Switchover
Timestamp
- Battery ResealTM Function Extends Battery Shelf
Life
• User Programmability
- I2C Interface
- 128 Bytes Battery-Backed User SRAM
• See Also
- ISL12020M (DFN 3 in 1); ISL12022 and ISL12023
Standalone RTCs
ISL12022M
Crystal
Oscillator
Frequency
Control
Temp
Sensor
Single
Alarm
Compen-
sation
Registers
Brown-out
Alarm
Battery
ReSeal™
µP
I2C
IRQ/FOUT
Clock
Calendar
POR
Switch
VDD
VBAT
±
Battery-
backed
User SRAM
Battery or
Super Cap
2.7V to 5.5V
1.8V to 5.5V
TRIP
V
Power Control
Embedded Crystal
Embedded Temperature
Sensor
-160.0
-140.0
-120.0
-100.0
-80.0
-60.0
-40.0
-20.0
0.0
-40
-20
0
20
40
60
80
100
Temperature (°C)
ISL12022M Compensated
Crystal Drift
Uncompensated Crystal Drift
Better than ±5.0ppm
over -40 to +85°C!
Device
IBAT
(nA)
Alarms
Selectable
Frequency
Output
CPU Supervisory
Function
Battery
IRQ
FOUT
SRAM
Other Functions
Package
POR Watchdog Timer Seal
Backup
ISL12020M
1000
1
15
N
N
Y
Y
Shared Pin
128 Bytes • Battery Switchover Time Stamp
• Battery Status Monitor
20 Ld DFN
ISL12022M
1000
1
15
N
N
Y
Y
Shared Pin
128 Bytes • Battery Switchover Time Stamp
• Battery Status Monitor
20 Ld SOIC
ISL12022MA
1000
1
15
N
N
Y
Y
Shared Pin
128 Bytes
• Enhanced Environmental MoistureTolerance
• Firmware Compatible with ISL12020M and
ISL12022M
Enhanced
20 Ld SOIC
ISL12022M-R5421
1000
1
15
N
N
Y
Y
Shared Pin
128 Bytes
• Enhanced ESD Performance
• Firmware Compatible with ISL12020M and
ISL12022M
Enhanced
20 Ld SOIC
-5
-4
-3
-2
-1
0
1
2
3
4
5
-40
-20
0
20
40
60
80
TEMPERATURE (°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com