Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL12022M-R5421 Datasheet(PDF) 16 Page - Intersil Corporation

Part # ISL12022M-R5421
Description  Intersil?셲 Solutions for Industrial Process Control
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL12022M-R5421 Datasheet(HTML) 16 Page - Intersil Corporation

Back Button ISL12022M-R5421 Datasheet HTML 12Page - Intersil Corporation ISL12022M-R5421 Datasheet HTML 13Page - Intersil Corporation ISL12022M-R5421 Datasheet HTML 14Page - Intersil Corporation ISL12022M-R5421 Datasheet HTML 15Page - Intersil Corporation ISL12022M-R5421 Datasheet HTML 16Page - Intersil Corporation ISL12022M-R5421 Datasheet HTML 17Page - Intersil Corporation ISL12022M-R5421 Datasheet HTML 18Page - Intersil Corporation ISL12022M-R5421 Datasheet HTML 19Page - Intersil Corporation ISL12022M-R5421 Datasheet HTML 20Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
INTERSIL SELECTION GUIDE | INDUSTRIAL PROCESS CONTROL SOLUTIONS
16 | www.intersil.com/industrial_process_control
DCS
RS-485/RS-422 Transceivers: ISL315xE, ISL317xE
Analog Input
Analog Output
Control
Sensors
Power
RS-485/422
50%
Small
er
8 Ld SOIC
8 Ld MSOP
Provides enhanced noise immunity
and can drive longer cable lengths
or more cable terminations.
60% Higher Output Voltage (ISL315xE)
1
1.5
2
2.5
RS-485
Standard
Intersil’s
ISL315xE
Output Voltage (V)
2.4V
1.5V
Enhanced Noise Immunity
Space-saving Small Package
Typical Operating Circuit
RS-485/RS-422 Family
of Transceivers with the
Highest Noise Immunity
and ESD Protection in
Small Packages
1.8V RS-485/422 Tx, Rx, and Transceivers with Ultra Low Supply Current
for Remote or Solar Powered Sensor Communication
Part
Number
Tx
Rx
Supply
Range
Data Rate
kbps
ICC
(µA)
max
Shut-
down
Current
(µA)
max
ESD rating
Pkg
ISL32610E
0
1
1.8-3.6V 256/500
110
N/A
IEC61000
SOT23
ISL32611E
0
1
1.8-3.6V 256/500
110
7
IEC61000
SOT23
ISL32612E
0
1
1.8-3.6V 256/500
110
7
IEC61000
SOT23
ISL32613E
1
0
1.8-3.6V 256/500
80
2
IEC61000
SOT23
ISL32614E
1
0
1.8-3.6V 256/500
80
2
IEC61000
SOT23
ISL3260xE
(coming soon)
1
1
1.8-3.6V 128/460
85
1
IEC61000
SOIC/
MSOP
3V-5.5V RS-485/RS-422 Transceivers with Fractional UL, 15kV ESD, Full Failsafe
Device
Devices
Allowed
on Bus
Half/Full
Duplex
Data
Rate
(Mbps)
IS EN/
DIS
(µA)
SHDN
ICC
(µA)
VCC
Range
(+V)
Package
5V
ISL3150E
256
Full
0.115 800/700
0.07
4.5 to 5.5 10 Ld MSOP, 14 Ld SOIC
ISL3152E
256
Half
0.115 800/700
0.07
4.5 to 5.5 8 Ld MSOP, 8 Ld PDIP,
8 Ld SOIC
ISL3153E
256
Full
1
800/700
0.07
4.5 to 5.5 10 Ld MSOP, 14 Ld SOIC
ISL3155E
256
Half
1
800/700
0.07
4.5 to 5.5 8 Ld MSOP, 8 Ld SOIC
ISL3156E
256
Full
20
800/700
0.07
4.5 to 5.5 10 Ld MSOP, 14 Ld SOIC
ISL3158E
256
Half
20
800/700
0.07
4.5 to 5.5 8 Ld MSOP, 8 Ld SOIC
3.3V
ISL3170E
256
Full
0.25
510/480
0.01
3.0 to 3.6 10 Ld MSOP, 14 Ld SOIC
ISL3172E
256
Half
0.25
510/480
0.01
3.0 to 3.6 8 Ld MSOP, 8 Ld SOIC
ISL3173E
256
Full
0.5
510/480
0.01
3.0 to 3.6 10 Ld MSOP, 14 Ld SOIC
ISL3175E
256
Half
0.5
510/480
0.01
3.0 to 3.6 8 Ld MSOP, 8 Ld SOIC
ISL3176E
256
Full
20
510/480
0.01
3.0 to 3.6 10 Ld MSOP, 14 Ld SOIC
ISL3178E
256
Half
20
510/480
0.01
3.0 to 3.6 8 Ld MSOP, 8 Ld SOIC
Key Features
• 60% Higher Output Voltage. 2.4V min vs. typical 1.5V min
• IEC61000 ESD Protected I/O Pins
• True 1/8 Unit Load
+3.3V (ISL317xE)
+5V (ISL315xE)
+3.3V (ISL317xE)
+5V (ISL315xE)
ISL315xE
ISL317xE
ISL315xE
ISL317xE
IEC61000-4-2 ESD Protection
±15kV Airgap discharge, ±8kV contact
discharge (half-duplex versions).
3.3V or 5V operation
Full Fail-Safe Rx
predictable performance
when bus faults occur.
Fractional Unit Load Rx
allows up to 256 devices on
the bus without expensive
repeaters.
Hot Plug Capability
prevents data
corruption during
power-up on an
active bus.
The ISL3261x single Tx/Rx RS-485/422 operate at the
industry’s lowest supply voltage, 1.8V, while drawing very little
power. Designers can easily meet strict power budgets for
battery and remote sensing applications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com