Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA3398W Datasheet(PDF) 72 Page - STMicroelectronics

Part # STA3398W
Description  2.1-channel high-efficiency digital audio system
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA3398W Datasheet(HTML) 72 Page - STMicroelectronics

Back Button STA3398W Datasheet HTML 68Page - STMicroelectronics STA3398W Datasheet HTML 69Page - STMicroelectronics STA3398W Datasheet HTML 70Page - STMicroelectronics STA3398W Datasheet HTML 71Page - STMicroelectronics STA3398W Datasheet HTML 72Page - STMicroelectronics STA3398W Datasheet HTML 73Page - STMicroelectronics STA3398W Datasheet HTML 74Page - STMicroelectronics STA3398W Datasheet HTML 75Page - STMicroelectronics STA3398W Datasheet HTML 76Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 77 page
background image
Application
STA339BW
72/77
Doc ID 15251 Rev 5
7.3
Typical output configuration
Here after the typical output configuration used for BTL stereo mode. Please refer to the
application note for all the other possible output configuration recommended schematics.
Figure 23.
Output configuration for stereo BTL mode
22uH
22uH
100nF
100nF
470nF
330pF
100nF
22
LEFT
100nF
6.2
OUT1A
OUT1B
6.2
22uH
22uH
100nF
100nF
470nF
330pF
100nF
22
RIGHT
100nF
6.2
OUT2A
OUT2B
6.2
22uH
22uH
100nF
100nF
470nF
330pF
100nF
22
LEFT
100nF
6.2
OUT1A
OUT1B
6.2
22uH
22uH
100nF
100nF
470nF
330pF
100nF
22
LEFT
100nF
6.2
OUT1A
OUT1B
6.2
22uH
22uH
100nF
100nF
470nF
330pF
100nF
22
RIGHT
100nF
6.2
OUT2A
OUT2B
6.2
22uH
22uH
100nF
100nF
470nF
330pF
100nF
22
RIGHT
100nF
6.2
OUT2A
OUT2B
6.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com