Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA3398W Datasheet(PDF) 23 Page - STMicroelectronics

Part # STA3398W
Description  2.1-channel high-efficiency digital audio system
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA3398W Datasheet(HTML) 23 Page - STMicroelectronics

Back Button STA3398W Datasheet HTML 19Page - STMicroelectronics STA3398W Datasheet HTML 20Page - STMicroelectronics STA3398W Datasheet HTML 21Page - STMicroelectronics STA3398W Datasheet HTML 22Page - STMicroelectronics STA3398W Datasheet HTML 23Page - STMicroelectronics STA3398W Datasheet HTML 24Page - STMicroelectronics STA3398W Datasheet HTML 25Page - STMicroelectronics STA3398W Datasheet HTML 26Page - STMicroelectronics STA3398W Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 77 page
background image
STA339BW
I2C bus specification
Doc ID 15251 Rev 5
23/77
5.3
Write operation
Following the START condition the master sends a device select code with the RW bit set
to 0. The STA339BW acknowledges this and the writes for the byte of internal address. After
receiving the internal byte address the STA339BW again responds with an
acknowledgement.
5.3.1
Byte write
In the byte write mode the master sends one data byte, this is acknowledged by the
STA339BW. The master then terminates the transfer by generating a STOP condition.
5.3.2
Multi-byte write
The multi-byte write modes can start from any internal address. The master generating a
STOP condition terminates the transfer.
5.4
Read operation
5.4.1
Current address byte read
Following the START condition the master sends a device select code with the RW bit set
to 1. The STA339BW acknowledges this and then responds by sending one byte of data.
The master then terminates the transfer by generating a STOP condition.
5.4.2
Current address multi-byte read
The multi-byte read modes can start from any internal address. Sequential data bytes are
read from sequential addresses within the STA339BW. The master acknowledges each
data byte read and then generates a STOP condition terminating the transfer.
5.4.3
Random address byte read
Following the START condition the master sends a device select code with the RW bit set
to 0. The STA339BW acknowledges this and then the master writes the internal address
byte. After receiving, the internal byte address the STA339BW again responds with an
acknowledgement. The master then initiates another START condition and sends the device
select code with the RW bit set to 1. The STA339BW acknowledges this and then responds
by sending one byte of data. The master then terminates the transfer by generating a STOP
condition.
5.4.4
Random address multi-byte read
The multi-byte read modes could start from any internal address. Sequential data bytes are
read from sequential addresses within the STA339BW. The master acknowledges each
data byte read and then generates a STOP condition terminating the transfer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com