Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA3398W Datasheet(PDF) 16 Page - STMicroelectronics

Part # STA3398W
Description  2.1-channel high-efficiency digital audio system
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA3398W Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STA3398W Datasheet HTML 12Page - STMicroelectronics STA3398W Datasheet HTML 13Page - STMicroelectronics STA3398W Datasheet HTML 14Page - STMicroelectronics STA3398W Datasheet HTML 15Page - STMicroelectronics STA3398W Datasheet HTML 16Page - STMicroelectronics STA3398W Datasheet HTML 17Page - STMicroelectronics STA3398W Datasheet HTML 18Page - STMicroelectronics STA3398W Datasheet HTML 19Page - STMicroelectronics STA3398W Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 77 page
background image
Electrical specifications
STA339BW
16/77
Doc ID 15251 Rev 5
3.5
Electrical specifications for the power section
The specifications given in this section are valid for the operating conditions: VCC =18V,
f= 1 kHz, fsw = 384 kHz, Tamb = 25° C and RL = 8 Ω, unless otherwise specified.
Table 7.
Electrical specifications - power section
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Po
Output power BTL
THD = 1%
-
16
-
W
THD = 10%
-
20
-
Output power SE
THD = 1%
-
4
-
W
THD = 10%
-
5
-
RdsON
Power Pchannel/Nchannel MOSFET (total
bridge)
ld = 1.5 A
-
180
250
m
Ω
gP
Power Pchannel RdsON matching
ld = 1.5 A
95
-
-
%
gN
Power Nchannel RdsON matching
ld = 1.5 A
95
-
-
%
Idss
Power Pchannel/Nchannel leakage
VCC = 20 V
-
-
10
µA
ILDT
Low current dead time (static)
Resistive load(1)
-
8
15
ns
IHDT
High current dead time (dynamic)
Iload = 1.5 A(1)
-
15
30
ns
tr
Rise time
Resistive load(1)
-
10
18
ns
tf
Fall time
Resistive load(1)
-
10
18
ns
VCC
Supply voltage operating voltage
-
5
-
26
V
Ivcc
Supply current from VCC in power down
PWRDN = 0
-
0.1
1
mA
Supply current from VCC in operation
PCM Input signal = -
60 dBfs,
Switching frequency
= 384 kHz,
No LC filters
-
52
60
mA
Ivdd
Supply current FFX processing (reference
only)
Internal clock =
49.152 MHz
-55
70
mA
Ilim
Overcurrent limit
(2)
3.03.8
4.0A
Isc
Short circuit protection
Hi-Z output
3.8
4.8
-
A
UVL
Undervoltage protection
-
-
3.5
4.3
V
tmin
Output minimum pulse width
No load
20
30
60
ns
DR
Dynamic range
-
-
100
-
dB
SNR
Signal to noise ratio, ternary mode
A-weighted
-
100
-
dB
Signal to noise ratio binary mode
-
-
90
-
dB
PSSR
Power supply rejection ratio
FFX stereo mode,
<5 kHz
VRIPPLE = 1 V RMS
Audio input =
dither only
-80
-
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com