Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA3398W Datasheet(PDF) 47 Page - STMicroelectronics

Part # STA3398W
Description  2.1-channel high-efficiency digital audio system
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA3398W Datasheet(HTML) 47 Page - STMicroelectronics

Back Button STA3398W Datasheet HTML 43Page - STMicroelectronics STA3398W Datasheet HTML 44Page - STMicroelectronics STA3398W Datasheet HTML 45Page - STMicroelectronics STA3398W Datasheet HTML 46Page - STMicroelectronics STA3398W Datasheet HTML 47Page - STMicroelectronics STA3398W Datasheet HTML 48Page - STMicroelectronics STA3398W Datasheet HTML 49Page - STMicroelectronics STA3398W Datasheet HTML 50Page - STMicroelectronics STA3398W Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 77 page
background image
STA339BW
Register description
Doc ID 15251 Rev 5
47/77
6.8
Audio preset registers (addr 0x0B and 0x0C)
6.8.1
Audio preset register 1 (addr 0x0B)
Using AMGC[3:0] bits, attack and release thresholds and rates are automatically configured
to properly fit application specific configurations. AMGC[3:2] is defined in register EQ
coefficients and DRC configuration register (addr 0x31) on page 65.
The AMGC[1:0] bits behave in two different ways depending on the value of AMGC[3:2].
When this value is 00 then bits AMGC[1:0] are defined below in Table 55.
6.8.2
Audio preset register 2 (addr 0x0C)
01100001 (0x61)
-0.5 dB
……
11010111 (0xD7)
-59.5 dB
11011000 (0xD8)
-60 dB
11011001 (0xD9)
-61 dB
11011010 (0xDA)
-62 dB
……
11101100 (0xEC)
-80 dB
11101101 (0xED)
Hard channel mute
……
11111111 (0xFF)
Hard channel mute
Table 54.
Channel volume as a function of CxV[7:0] (continued)
CxV[7:0]
Volume
D7
D6
D5
D4
D3
D2
D1
D0
Reserved
AMGC[1]
AMGC[0]
Reserved
00
00
000
0
Table 55.
Audio preset gain compression/limiters selection for AMGC[3:2] = 00
AMGC[1:0]
Mode
00
User programmable GC
01
AC no clipping 2.1
10
AC limited clipping (10%) 2.1
11
DRC night-time listening mode 2.1
D7
D6
D5
D4
D3
D2
D1
D0
XO3
XO2
XO1
XO0
AMAM2
AMAM1
AMAM0
AMAME
00
00
000
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com