Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA3398W Datasheet(PDF) 15 Page - STMicroelectronics

Part # STA3398W
Description  2.1-channel high-efficiency digital audio system
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA3398W Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STA3398W Datasheet HTML 11Page - STMicroelectronics STA3398W Datasheet HTML 12Page - STMicroelectronics STA3398W Datasheet HTML 13Page - STMicroelectronics STA3398W Datasheet HTML 14Page - STMicroelectronics STA3398W Datasheet HTML 15Page - STMicroelectronics STA3398W Datasheet HTML 16Page - STMicroelectronics STA3398W Datasheet HTML 17Page - STMicroelectronics STA3398W Datasheet HTML 18Page - STMicroelectronics STA3398W Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 77 page
background image
STA339BW
Electrical specifications
Doc ID 15251 Rev 5
15/77
3.3
Recommended operating conditions
3.4
Electrical specifications for the digital section
Table 5.
Recommended operating condition
Symbol
Parameter
Min
Typ
Max
Unit
VCC
Power supply voltage (VCCxA, VCCxB)
5
-
26
V
VDD_DIG Digital supply voltage
2.7
3.3
3.6
V
VDD_PLL PLL supply voltage
2.7
3.3
3.6
V
Tamb
Ambient temperature
-20
-
70
°C
Table 6.
Electrical specifications - digital section
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Iil
Low-level input current without
pull-up/down device
Vi = 0 V
-10
1
10
µA
Iih
High-level input current without
pull-up/down device
Vi = VDD_DIG
= 3.6 V
-10
1
10
µA
Vil
Low-level input voltage
-
-
-
0.2 *
VDD_DIG
V
Vih
High-level input voltage
-
0.8 *
VDD_DIG
--
V
Vol
Low-level output voltage
Iol = 2 mA
-
-
0.4 *
VDD_DIG
V
Voh
High-level output voltage
Ioh = 2 mA
0.8 *
VDD_DIG
--
V
Ipu
Pull-up/down current
-
25
66
125
µA
Rpu
Equivalent pull-up/down
resistance
--
50
-
k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com