Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA3398W Datasheet(PDF) 33 Page - STMicroelectronics

Part # STA3398W
Description  2.1-channel high-efficiency digital audio system
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA3398W Datasheet(HTML) 33 Page - STMicroelectronics

Back Button STA3398W Datasheet HTML 29Page - STMicroelectronics STA3398W Datasheet HTML 30Page - STMicroelectronics STA3398W Datasheet HTML 31Page - STMicroelectronics STA3398W Datasheet HTML 32Page - STMicroelectronics STA3398W Datasheet HTML 33Page - STMicroelectronics STA3398W Datasheet HTML 34Page - STMicroelectronics STA3398W Datasheet HTML 35Page - STMicroelectronics STA3398W Datasheet HTML 36Page - STMicroelectronics STA3398W Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 77 page
background image
STA339BW
Register description
Doc ID 15251 Rev 5
33/77
6.3
Configuration register C (addr 0x02)
6.3.1
FFX power output mode
The FFX power output mode selects how the FFX output timing is configured.
Different power devices use different output modes.
6.3.2
FFX compensating pulse size register
D7
D6
D5
D4
D3
D2
D1
D0
OCRB
Reserved
CSZ3
CSZ2
CSZ1
CSZ0
OM1
OM0
10
01
111
1
Table 23.
FFX power output mode
Bit
R/W
RST
Name
Description
0R/W
1
OM0
Selects configuration of FFX output.
1R/W
1
OM1
Table 24.
Output modes
OM[1,0]
Output stage mode
00
Drop compensation
01
Discrete output stage - tapered compensation
10
Full power mode
11
Variable drop compensation (CSZx bits)
Table 25.
FFX compensating pulse size bits
Bit
R/W
RST
Name
Description
2R/W
1
CSZ0
When OM[1,0] = 11, this register determines the
size of the FFX compensating pulse from 0 clock
ticks to 15 clock periods.
3R/W
1
CSZ1
4R/W
1
CSZ2
5R/W
0
CSZ3
Table 26.
Compensating pulse size
CSZ[3:0]
Compensating pulse size
0000
0 ns (0 tick) compensating pulse size
0001
20 ns (1 tick) clock period compensating pulse size
……
1111
300 ns (15 tick) clock period compensating pulse size



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com