Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA3398W Datasheet(PDF) 46 Page - STMicroelectronics

Part # STA3398W
Description  2.1-channel high-efficiency digital audio system
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA3398W Datasheet(HTML) 46 Page - STMicroelectronics

Back Button STA3398W Datasheet HTML 42Page - STMicroelectronics STA3398W Datasheet HTML 43Page - STMicroelectronics STA3398W Datasheet HTML 44Page - STMicroelectronics STA3398W Datasheet HTML 45Page - STMicroelectronics STA3398W Datasheet HTML 46Page - STMicroelectronics STA3398W Datasheet HTML 47Page - STMicroelectronics STA3398W Datasheet HTML 48Page - STMicroelectronics STA3398W Datasheet HTML 49Page - STMicroelectronics STA3398W Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 77 page
background image
Register description
STA339BW
46/77
Doc ID 15251 Rev 5
6.7.5
Channel 3 / line output volume
The Volume structure of the STA339BW consists of individual volume registers for each
channel and a master volume register that provides an offset to each channels volume
setting. The individual channel volumes are adjustable in 0.5 dB steps from +48 dB to -
80 dB.
As an example if C3V = 0x00 or +48 dB and MV = 0x18 or -12 dB, then the total gain for
channel 3 = +36 dB.
The master mute, when set to 1, mutes all channels at once, whereas the individual channel
mutes (CxM) mutes only that channel. Both the master mute and the channel mutes provide
a “soft mute” with the volume ramping down to mute in 4096 samples from the maximum
volume setting at the internal processing rate (approximately 96 kHz).
A “hard (instantaneous) mute” can be obtained by programming a value of 0xFF (255) to
any channel volume register or the master volume register. When volume offsets are
provided via the master volume register any channel whose total volume is less than -80 dB
is muted.
All changes in volume take place at zero-crossings when ZCE = 1 (Configuration register E
(addr 0x04) on page 36) on a per channel basis as this creates the smoothest possible
volume transitions. When ZCE = 0, volume updates occur immediately.
D7
D6
D5
D4
D3
D2
D1
D0
C3V7
C3V6
C3V5
C3V4
C3V3
C3V2
C3V1
C3V0
01
10
000
0
Table 53.
Master volume offset as a function of MV[7:0]
MV[7:0]
Volume offset from channel value
00000000 (0x00)
0 dB
00000001 (0x01)
-0.5 dB
00000010 (0x02)
-1 dB
……
01001100 (0x4C)
-38 dB
……
11111110 (0xFE)
-127.5 dB
11111111 (0xFF)
Hard master mute
Table 54.
Channel volume as a function of CxV[7:0]
CxV[7:0]
Volume
00000000 (0x00)
+48 dB
00000001 (0x01)
+47.5 dB
00000010 (0x02)
+47 dB
……
01011111 (0x5F)
+0.5 dB
01100000 (0x60)
0 dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com