Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA3398W Datasheet(PDF) 29 Page - STMicroelectronics

Part # STA3398W
Description  2.1-channel high-efficiency digital audio system
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA3398W Datasheet(HTML) 29 Page - STMicroelectronics

Back Button STA3398W Datasheet HTML 25Page - STMicroelectronics STA3398W Datasheet HTML 26Page - STMicroelectronics STA3398W Datasheet HTML 27Page - STMicroelectronics STA3398W Datasheet HTML 28Page - STMicroelectronics STA3398W Datasheet HTML 29Page - STMicroelectronics STA3398W Datasheet HTML 30Page - STMicroelectronics STA3398W Datasheet HTML 31Page - STMicroelectronics STA3398W Datasheet HTML 32Page - STMicroelectronics STA3398W Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 77 page
background image
STA339BW
Register description
Doc ID 15251 Rev 5
29/77
condition. When TWARN is asserted (set to 0) for a period of time greater than 400 ms, the
power control block forces a -3 dB output limit (determined by TWOCL in the coefficient
RAM) to the modulation limit in an attempt to eliminate the thermal warning condition. Once
the thermal warning output limit adjustment is applied, it remains in this state until reset,
unless FDRB = 0.
6.1.5
Fault detect recovery bypass
The on-chip STA339BW power output block provides feedback to the digital controller using
inputs to the power control block. The FAULT input is used to indicate a fault condition (either
overcurrent or thermal). When FAULT is asserted (set to 0), the power control block attempts
a recovery from the fault by asserting the tri-state output (setting it to 0 which directs the
power output block to begin recovery), holds it at 0 for period of time in the range of 0.1 ms
to 1 second as defined by the fault-detect recovery constant register (FDRC registers 0x2B-
0x2C), then toggles it back to 1. This sequence is repeated as log as the fault indication
exists. This feature is enabled by default but can be bypassed by setting the FDRB control
bit to 1.
6.2
Configuration register B (addr 0x01)
6.2.1
Serial audio input interface format
Table 16.
Fault detect recovery bypass
Bit
R/W
RST
Name
Description
7
R/W
0
FDRB
0: fault detect recovery enabled
1: fault detect recovery disabled
D7
D6
D5
D4
D3
D2
D1
D0
C2IM
C1IM
DSCKE
SAIFB
SAI3
SAI2
SAI1
SAI0
10
00
000
0
Table 17.
Serial audio input interface
Bit
R/W
RST
Name
Description
0R/W
0
SAI0
Determines the interface format of the input serial
digital audio interface.
1R/W
0
SAI1
2R/W
0
SAI2
3R/W
0
SAI3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com