Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA3398W Datasheet(PDF) 34 Page - STMicroelectronics

Part # STA3398W
Description  2.1-channel high-efficiency digital audio system
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA3398W Datasheet(HTML) 34 Page - STMicroelectronics

Back Button STA3398W Datasheet HTML 30Page - STMicroelectronics STA3398W Datasheet HTML 31Page - STMicroelectronics STA3398W Datasheet HTML 32Page - STMicroelectronics STA3398W Datasheet HTML 33Page - STMicroelectronics STA3398W Datasheet HTML 34Page - STMicroelectronics STA3398W Datasheet HTML 35Page - STMicroelectronics STA3398W Datasheet HTML 36Page - STMicroelectronics STA3398W Datasheet HTML 37Page - STMicroelectronics STA3398W Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 77 page
background image
Register description
STA339BW
34/77
Doc ID 15251 Rev 5
6.3.3
Overcurrent warning detect adjustment bypass
The OCWARN input is used to indicate an overcurrent warning condition. When OCWARN
is asserted (set to 0), the power control block forces an adjustment to the modulation limit
(default is -3 dB) in an attempt to eliminate the overcurrent warning condition. Once the
overcurrent warning volume adjustment is applied, it remains in this state until reset is
applied. The level of adjustment can be changed via the TWOCL (thermal warning /
overcurrent limit) setting which is address 0x37 of the user defined coefficient RAM.
6.4
Configuration register D (addr 0x03)
6.4.1
High-pass filter bypass
The STA339BW features an internal digital high-pass filter for the purpose of AC coupling.
The purpose of this filter is to prevent DC signals from passing through a FFX amplifier. DC
signals can cause speaker damage. When HPB = 0, this filter is enabled.
6.4.2
De-emphasis
6.4.3
DSP bypass
Setting the DSPB bit bypasses the EQ function of the STA339BW.
Table 27.
Overcurrent warning bypass
Bit
R/W
RST
Name
Description
7
R/W
1
OCRB
0: overcurrent warning adjustment enabled
1: overcurrent warning adjustment disabled
D7
D6
D5
D4
D3
D2
D1
D0
SME
ZDE
DRC
BQL
PSL
DSPB
DEMP
HPB
01
00
000
0
Table 28.
High-pass filter bypass
Bit
R/W
RST
Name
Description
0R/W
0
HPB
Setting of one bypasses internal AC coupling digital
high-pass filter
Table 29.
De-emphasis
Bit
R/W
RST
Name
Description
1R/W
0
DEMP
0: No de-emphasis
1: Enable de-emphasis on all channels
Table 30.
DSP bypass
Bit
R/W
RST
Name
Description
2
R/W
0
DSPB
0: Normal operation
1: Bypass of biquad and bass/treble functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com