Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7590 Datasheet(PDF) 6 Page - STMicroelectronics

Part # ST7590
Description  Narrow-band OFDM power line networking PRIME compliant system-on-chip
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7590 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button ST7590 Datasheet HTML 2Page - STMicroelectronics ST7590 Datasheet HTML 3Page - STMicroelectronics ST7590 Datasheet HTML 4Page - STMicroelectronics ST7590 Datasheet HTML 5Page - STMicroelectronics ST7590 Datasheet HTML 6Page - STMicroelectronics ST7590 Datasheet HTML 7Page - STMicroelectronics ST7590 Datasheet HTML 8Page - STMicroelectronics ST7590 Datasheet HTML 9Page - STMicroelectronics ST7590 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
Pin connection
ST7590
6/24
Doc ID 18349 Rev 1
GPIO6
66
32
Digital I/O
General purpose I/O
GPIO7
65
31
Digital I/O
General purpose I/O
VSUBS
64
-
Power
Analog ground
GPIO8
63
30
Digital I/O
General purpose I/O
VDD
62
-
Power
Digital power supply (1.8 V)
GPIO9
61
29
Digital I/O
General purpose I/O
VSUBS
60
-
Power
Substrate ground
VDDIO
59
28
Power
3.3 V - 5 V I/O supply
GND
58
-
Power
Ground
N.C
57
-
Not connected
VDD
56
-
Power
Digital power supply (1.8 V)
N.C
55
-
Not connected
VDD_REG_1V8
54
27
Power
1.8 V digital power supply, internal regulator output
N.C
53
-
Not connected
PA_OUT
52
26
Analog output Power amplifier output
PA_OUT
51
-
Analog output Power amplifier output
VSS
50
25
Power
Power ground
VSS
49
-
Power
Power ground
N.C
48
-
Not connected
VCC
47
24
Power
12 V to 20 V power supply
VCC
46
-
Power
12 V to 20 V power supply
CL
45
23
Analog Input
Current limiting feedback
PA_IN_N
44
22
Analog Input
Power amplifier inverting input
PA_IN_P
43
21
Analog Input
Power amplifier non-inverting input
TX_OUT
42
20
Analog Output Transmission analog output
RX_IN
41
19
Analog Input
Reception analog input
ZC_IN
40
18
Analog Input
Zero crossing detection input
VCCA
39
17
Power
5 V analog supply, internal regulator output
VDD_PLL
38
16
Power
1.8 V PLL supply voltage
N.C
37
-
Not connected
N.C
36
-
Not connected
VSSA
35
15
Power
Analog ground
N.C
34
-
Not connected
GND
33
14
Power
Ground
Table 1.
Pin description (continued)
Name
Pin
Type
Description
TQFP QFN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com