Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7590 Datasheet(PDF) 19 Page - STMicroelectronics

Part # ST7590
Description  Narrow-band OFDM power line networking PRIME compliant system-on-chip
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7590 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button ST7590 Datasheet HTML 15Page - STMicroelectronics ST7590 Datasheet HTML 16Page - STMicroelectronics ST7590 Datasheet HTML 17Page - STMicroelectronics ST7590 Datasheet HTML 18Page - STMicroelectronics ST7590 Datasheet HTML 19Page - STMicroelectronics ST7590 Datasheet HTML 20Page - STMicroelectronics ST7590 Datasheet HTML 21Page - STMicroelectronics ST7590 Datasheet HTML 22Page - STMicroelectronics ST7590 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
ST7590
Package mechanical data
Doc ID 18349 Rev 1
19/24
6
Package mechanical data
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK is an ST trademark.
Table 8.
TQFP 100 package mechanical data
Dim.
(mm)
Min.
Typ.
Max.
A
1.2
A1
0.05
0.15
A2
0.95
1
1.05
b
0.17
0.22
0.27
c
0.09
0.2
D
15.8
16
16.2
D1
13.8
14
14.2
D2
5.00
5.50
D3
12
E
15.8
16
16.2
E1
13.8
14
14.2
E2
5.00
5.50
E3
12
e
0.5
L
0.45
0.6
0.75
L1
1
k
0
3.5
7
ccc
0.08



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com