Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7590 Datasheet(PDF) 9 Page - STMicroelectronics

Part # ST7590
Description  Narrow-band OFDM power line networking PRIME compliant system-on-chip
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7590 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button ST7590 Datasheet HTML 5Page - STMicroelectronics ST7590 Datasheet HTML 6Page - STMicroelectronics ST7590 Datasheet HTML 7Page - STMicroelectronics ST7590 Datasheet HTML 8Page - STMicroelectronics ST7590 Datasheet HTML 9Page - STMicroelectronics ST7590 Datasheet HTML 10Page - STMicroelectronics ST7590 Datasheet HTML 11Page - STMicroelectronics ST7590 Datasheet HTML 12Page - STMicroelectronics ST7590 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
3.3
Electrical characteristics
TA = -40 to +85 °C, TJ < 125 °C, VCC = 18 V unless otherwise specified.
Table 4.
Electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Power supply
VCC
Power supply voltage
8
13
18
V
I(VCC) RX
Power supply current - Rx mode
VCCA externally supplied
0.35
0.5
mA
I(VCC) TX
Power supply current - Tx mode, no load
22
30
mA
VCC UVLO_TL
VCC under voltage lock out low threshold
6.1
6.5
6.95
V
VCC UVLO_TH
VCC under voltage lock out high threshold
6.8
7.2
7.5
V
VCC UVLO_HYST VCC under voltage lock out hysteresis
250 (1)
700
mV
VCCA
Analog supply voltage
Externally supplied
-5%
5
+5%
V
I(VCCA) RX
Analog supply current - Rx mode
56
mA
I(VCCA) TX
Analog supply current - Tx mode
V(TX_OUT) =5 V p-p, No load
8
10
mA
VDD
Digital core supply voltage
Externally supplied
-10%
1.8
+10%
V
I(VDD)
Digital core supply current
35
mA
I(VDD)
Digital core supply current in RESET state
8
mA
VDD_PLL
PLL supply voltage
VDD
V
I(VDD_PLL)
PLL supply current
0.4
mA
VDDIO
Digital I/O supply voltage
Externally supplied
-10%
3.3 or 5
+10%
V
VDDIO UVLO_TL
I/O supply voltage under voltage lock out low
threshold
2.25
2.4
2.6
V
VDDIO UVLO_TH
I/O supply voltage under voltage lock out high
threshold
2.45
2.6
2.8
V
VDDIO
UVLO_HYST
I/O supply voltage under voltage lock out
hysteresis
250
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com