Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7590 Datasheet(PDF) 11 Page - STMicroelectronics

Part # ST7590
Description  Narrow-band OFDM power line networking PRIME compliant system-on-chip
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7590 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button ST7590 Datasheet HTML 7Page - STMicroelectronics ST7590 Datasheet HTML 8Page - STMicroelectronics ST7590 Datasheet HTML 9Page - STMicroelectronics ST7590 Datasheet HTML 10Page - STMicroelectronics ST7590 Datasheet HTML 11Page - STMicroelectronics ST7590 Datasheet HTML 12Page - STMicroelectronics ST7590 Datasheet HTML 13Page - STMicroelectronics ST7590 Datasheet HTML 14Page - STMicroelectronics ST7590 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
R(TX_OUT)
Transmitter output resistance
RX mode
1
k
Ω
V(TX_OUT) HD2 Transmitter output 2
nd harmonic distortion
V(TX_OUT) = 4 Vpp (TXOUT)MAX,
No load, fC = 82 kHz
-67
dBc
V(TX_OUT) HD3 Transmitter output 3
rd harmonic distortion
-70
dBc
V(TX_OUT) THD Transmitter output total harmonic distortion
0.1
%
Receiver
V(RX_IN) MAX
Receiver input maximum voltage
VCC = 18 V
16
V p-p
V(RX_IN) BIAS
Receiver input bias voltage
2.5
V
Z(RX_IN)
Receiver input impedance
10
kΩ
PGA_MIN
PGA minimum gain
-18
dB
PGA_MAX
PGA maximum gain
30
dB
Oscillator
V(XIN)
Oscillator input voltage swing
Clock frequency supplied externally
1.8
VDDIO
V p-p
V(XIN) TH
Oscillator input voltage threshold
0.8
0.9
1
V
V(XIN) fOSC
Crystal oscillator frequency
8MHz
F(XIN) TOL
External quartz crystal frequency tolerance
-150
150
ppm
ESR
External quartz crystal ESR value
100
Ω
CL
External quartz crystal load capacitance
16
pF
Temperature sensor
T_TH1
Temperature threshold 1
(2)
63
70
77
°C
T_TH2
Temperature threshold 2
(2)
90
100
110
°C
T_TH3
Temperature threshold 3
(2)
112
125
138
°C
T_TH4
Temperature threshold 4
(2)
153
170
187
°C
Zero crossing comparator
V(ZC_IN) MAX
Zero crossing detection input voltage range
10
V p-p
Table 4.
Electrical characteristics (continued)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com