Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7590 Datasheet(PDF) 17 Page - STMicroelectronics

Part # ST7590
Description  Narrow-band OFDM power line networking PRIME compliant system-on-chip
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7590 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button ST7590 Datasheet HTML 13Page - STMicroelectronics ST7590 Datasheet HTML 14Page - STMicroelectronics ST7590 Datasheet HTML 15Page - STMicroelectronics ST7590 Datasheet HTML 16Page - STMicroelectronics ST7590 Datasheet HTML 17Page - STMicroelectronics ST7590 Datasheet HTML 18Page - STMicroelectronics ST7590 Datasheet HTML 19Page - STMicroelectronics ST7590 Datasheet HTML 20Page - STMicroelectronics ST7590 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
ST7590
Analog front end (AFE)
Doc ID 18349 Rev 1
17/24
Figure 7.
Power supply internal scheme
4.8
Clock management
The main clock source is an 8 MHz crystal connected to the internal oscillator through XIN
and XOUT pins. Both XIN and XOUT pins have a 32 pF integrated capacitor, in order to
drive a crystal having a load capacitance of 16 pF with no additional components.
Alternatively, an 8 MHz external clock can be directly supplied to XIN pin, leaving XOUT
floating.
A PLL internally connected to the output of the oscillator generates the internal clocks
needed by the digital part.
LDO
VCC
VSS
VCCA
VSSA
LDO
VDDIO
GND
VDD
VSSA
VDD_PLL
8-18V
External Supply
3.3 or 5V
External Supply
POWER AMPLIFIER
AFE
DIGITAL INTERFACES
DIGITAL CORE
INTERNAL PLL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com