Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7590 Datasheet(PDF) 3 Page - STMicroelectronics

Part # ST7590
Description  Narrow-band OFDM power line networking PRIME compliant system-on-chip
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7590 Datasheet(HTML) 3 Page - STMicroelectronics

  ST7590 Datasheet HTML 1Page - STMicroelectronics ST7590 Datasheet HTML 2Page - STMicroelectronics ST7590 Datasheet HTML 3Page - STMicroelectronics ST7590 Datasheet HTML 4Page - STMicroelectronics ST7590 Datasheet HTML 5Page - STMicroelectronics ST7590 Datasheet HTML 6Page - STMicroelectronics ST7590 Datasheet HTML 7Page - STMicroelectronics ST7590 Datasheet HTML 8Page - STMicroelectronics ST7590 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
ST7590
Device description
Doc ID 18349 Rev 1
3/24
1
Device description
ST7590 is available in two different package options: TQFP100 and QFN48.
In the TQFP100 package option, order code ST7590T, the device comes with a dedicated
FW implementing PRIME compliant PHY protocol Layer and a boot loader procedure that
enables the IC to boot PRIME MAC, PRIME CL432 Convergence Layer and IEC 61334-4-
32 LLC Layer from an external Serial NV memory connected through SPI interface.
In the QFN 48 package option, ST7590 comes with a dedicated FW implementing the full
PRIME protocol stack (PHY, MAC and Convergence Layer), so without the need for external
memories to run the protocol.
The on-chip analog front end, featuring analog to digital and digital to analog conversion and
automatic gain control, plus the integrated power amplifier delivering up to 1 Arms (typical)
output current, makes the ST7590 the first complete Narrowband OFDM power line
communication system-on-chip ideal for PRIME compliant applications.
An HW 128-bit AES encryption block with PRIME compliant management is available on
chip when secure communication is requested.
Line coupling network design is also extremely simplified, leading to a very low cost Bill Of
Material.
Safe operations are assured while keeping power consumption and distortion levels very
low, so making ST7590 an ideal platform for the most stringent application requirements and
regulatory standards compliance.
Figure 1.
ST7590 block diagram
Ouptut Current
Control
Thermal
Management
P_ROM
X-RAM
Y-RAM
DSP
Engine
Hardware
Accelerators
Line Driver
PHY Processor
GAIN
BPF
BPF
ADC
PGA
DAC
PROG
ROM
OTP
8051
CORE
UART/SPI0
10 GPIO
JTAG
Watchdog
3 Timers
2 Interrupts
AES128
DATA
RAM
NVM SPI
SRAM Contr.
PROTOCOL
Controller
AFE
POWER Management
CLOCK Management
Zero Crossing Detector
PA_IN+
PA_IN-
CL
Optional External
FLASH Memory
Optional Program
SRAM
PA_OUT
TX_OUT
RX_IN
VCC
(8-18V)
VCCA
(5V)
VDDIO
(3.3/5V)
VDD
(1.8V)
ZC_IN
VDD_PLL
XIN XOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com