Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7590 Datasheet(PDF) 5 Page - STMicroelectronics

Part # ST7590
Description  Narrow-band OFDM power line networking PRIME compliant system-on-chip
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7590 Datasheet(HTML) 5 Page - STMicroelectronics

  ST7590 Datasheet HTML 1Page - STMicroelectronics ST7590 Datasheet HTML 2Page - STMicroelectronics ST7590 Datasheet HTML 3Page - STMicroelectronics ST7590 Datasheet HTML 4Page - STMicroelectronics ST7590 Datasheet HTML 5Page - STMicroelectronics ST7590 Datasheet HTML 6Page - STMicroelectronics ST7590 Datasheet HTML 7Page - STMicroelectronics ST7590 Datasheet HTML 8Page - STMicroelectronics ST7590 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
ST7590
Pin connection
Doc ID 18349 Rev 1
5/24
Table 1.
Pin description
Name
Pin
Type
Description
TQFP QFN
SCLK0
100
48
Digital input
SPI0 serial clock
SSN0
99
47
Digital input
SPII0 slave select (active low)
VDD
98
46
Power
Digital power supply (1.8 V)
GND
97
45
Power
Ground
MISO1
96
44
Digital input
SPI1 data in
MOSI1_SDA
95
43
Digital I/O
SPI1 data out, I2C data in (I2C always selected at boot)
SRAM_A15
94
-
Digital output
External SRAM Address
VDDIO
93
-
Power
3.3 V - 5 V I/O supply
SRAM_A16
92
-
Digital output
External SRAM Address
SCLK1_SCL
91
42
Digital output
SPI1 serial clock, I2C serial clock ((I2C always selected at boot)
SRAM_D0
90
-
Digital I/O (1)
External SRAM data I/O
SRAM_D1
89
-
Digital I/O (1)
External SRAM data I/O
SRAM_D2
88
-
Digital I/O (1)
External SRAM data I/O
SRAM_D3
87
-
Digital I/O (1)
External SRAM data I/O
SRAM_D4
86
-
Digital I/O (1)
External SRAM data I/O
SRAM_D5
85
-
Digital I/O (1)
External SRAM data I/O
SRAM_D6
84
-
Digital I/O (1)
External SRAM data I/O
SRAM_D7
83
-
Digital I/O (1)
External SRAM data I/O
SRAM_CSN
82
-
Digital output
External SRAM chip select
SRAM_WEN
81
-
Digital output
External SRAM write enable
SRAM_OEN
80
-
Digital output
External SRAM output enable
GPIO0
79
41
Digital I/O
General purpose I/O
GPIO1
78
40
Digital I/O
General purpose I/O
GPIO2
77
39
Digital I/O
General purpose I/O
VDDIO
76
-
Power
3.3 V - 5 V I/O supply
GPIO3
75
38
Digital I/O
General purpose I/O
N.C
74
-
Not connected
GPIO4
73
37
Digital I/O
General purpose I/O
N.C
72
-
Not connected
GPIO5
71
36
Digital I/O
General purpose I/O
VDD_12V
70
35
Power
OTP programming voltage (12 V)
VDD
69
-
Power
Digital power supply (1.8 V)
VDDIO
68
34
Power
3.3 V - 5 V I/O supply
GND
67
33
Power
Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com