Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7590 Datasheet(PDF) 12 Page - STMicroelectronics

Part # ST7590
Description  Narrow-band OFDM power line networking PRIME compliant system-on-chip
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7590 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button ST7590 Datasheet HTML 8Page - STMicroelectronics ST7590 Datasheet HTML 9Page - STMicroelectronics ST7590 Datasheet HTML 10Page - STMicroelectronics ST7590 Datasheet HTML 11Page - STMicroelectronics ST7590 Datasheet HTML 12Page - STMicroelectronics ST7590 Datasheet HTML 13Page - STMicroelectronics ST7590 Datasheet HTML 14Page - STMicroelectronics ST7590 Datasheet HTML 15Page - STMicroelectronics ST7590 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
V(ZC_IN) TL
Zero crossing detection input low threshold
-44
-32
-17
mV
V(ZC_IN) TH
Zero crossing detection input high threshold
26
41
56
mV
V(ZC_IN) HYST
Zero crossing detection input hysteresis
73
mV
Digital section
Digital I/O
RPULL-UP
Internal pull-up resistors
VDDIO = 3.3 V
66
kΩ
VDDIO = 5 V
41
VIH
High logic level input voltage
0.65*VDDIO
VDDIO
+0.3
V
VIL
Low logic level input voltage
-0.3
0.35*VDDIO
V
VOH
High logic level output Voltage
IOH= -4 mA
VDDIO
-0.4
V
VOL
Low logic level output voltage
IOL= 4 mA
0.4
V
UART interface
Data bits
8Bits
Stop bits
1Bits
Parity bits
0Bits
Baud rate
-1.5%
57600
+1.5%
BAUD
-1.5%
38400
+1.5%
BAUD
-1.5%
19200
+1.5%
BAUD
-1.5%
9600
+1.5%
BAUD
Reset and power on
tRESETN
Minimum valid reset pulse duration
1
µs
tSTARTUP
Start-up time at power on or after a reset event
(3)
35
60
ms
1.
Referred to TA = -40°C
2.
This parameter does not include the tolerance of external components
3.
Referred to IC start up, uploading code from external NVM and its execution from external RAM may require some second.
Table 4.
Electrical characteristics (continued)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com