Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7590 Datasheet(PDF) 16 Page - STMicroelectronics

Part # ST7590
Description  Narrow-band OFDM power line networking PRIME compliant system-on-chip
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7590 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button ST7590 Datasheet HTML 12Page - STMicroelectronics ST7590 Datasheet HTML 13Page - STMicroelectronics ST7590 Datasheet HTML 14Page - STMicroelectronics ST7590 Datasheet HTML 15Page - STMicroelectronics ST7590 Datasheet HTML 16Page - STMicroelectronics ST7590 Datasheet HTML 17Page - STMicroelectronics ST7590 Datasheet HTML 18Page - STMicroelectronics ST7590 Datasheet HTML 19Page - STMicroelectronics ST7590 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
Analog front end (AFE)
ST7590
16/24
Doc ID 18349 Rev 1
4.5
Zero-crossing detector
The ST7590 embeds an analog comparator with hysteresis, used for zero-crossing
detection. Information about zero crossing events is managed as specified in PRIME
protocol specifications.
4.6
One time programmable (OTP) memory array
ST7590 comes with an embedded 64 bit OTP array. This OTP memory is used to store
hardware trimming values and the unique identifier EUI48, used for unique addressing in
PRIME MAC protocol.
OTP array is composed of 4 16 bit words, indexed from 0 to 3, where the first (index 0)
contains hardware trimming values, while the others contain the EUI48 address as specified
in Table 7.
4.7
Power management
Figure 7 shows the power supply structure for the ST7590. The ST7590 operates from two
external supply voltages:
●
VCC (8 to 18 V) as the main power supply;
●
VDDIO (3.3 or 5 V) for the I/O and digital sections.
Two internal linear regulators provide the remaining required voltages:
●
5 V regulator (used by the analog front end blocks), generated from the VCC voltage
and connected to the VCCA pin;
●
1.8 V regulator (required for the DSP and microcontroller cores, the digital blocks, the
PLL and the oscillator), generated from the VDDIO voltage and connected to the
VDD_REG_1V8 pin.
All the supply voltages must be properly filtered, to their respective ground, using external
capacitors close to each supply pin (see Figure 7).
Note:
The internal regulators connected to VDD_REG_1V8 and VCCA are not designed to supply
external circuitry; their output is externally accessible for filtering purpose only.
Table 7.
OTP memory array
Index
LSB
MSB
0
Reserved – hardware trimming
1
EUI48[0..7]
EUI48[8..15]
2
EUI48[16..23]
EUI48[24..31]
3
EUI48[32..39]
EUI48[40..47]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com