Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7590 Datasheet(PDF) 14 Page - STMicroelectronics

Part # ST7590
Description  Narrow-band OFDM power line networking PRIME compliant system-on-chip
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7590 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button ST7590 Datasheet HTML 10Page - STMicroelectronics ST7590 Datasheet HTML 11Page - STMicroelectronics ST7590 Datasheet HTML 12Page - STMicroelectronics ST7590 Datasheet HTML 13Page - STMicroelectronics ST7590 Datasheet HTML 14Page - STMicroelectronics ST7590 Datasheet HTML 15Page - STMicroelectronics ST7590 Datasheet HTML 16Page - STMicroelectronics ST7590 Datasheet HTML 17Page - STMicroelectronics ST7590 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
Analog front end (AFE)
ST7590
14/24
Doc ID 18349 Rev 1
4
Analog front end (AFE)
4.1
Reception path
Figure 5 shows the block diagram of the ST7590 input receiving path. The reception AFE
main blocks are a wide input range analog PGA (programmable gain amplifier) and the ADC
(analog to digital converter).
Figure 5.
Reception path block diagram
The PGA is controlled by a loop algorithm that detects the amplifier output signal amplitude
and adapts the gain of the amplifier in order to have the optimum input voltage range for the
ADC. The PGA gain ranges from -18 dB up to 30 dB (typical), with steps of 6 dB (typical), as
described in Table 5.
Table 5.
PGA gain table
PGA code
PGA gain (typical)
RX_IN max range
[dB]
[V p-p]
0-18
16
1-12
8
2-6
4
30
2
46
1
5
12
0.500
6
18
0.250
7
24
0.125
8
30
0.0625



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com