Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99PM62XP Datasheet(PDF) 52 Page - STMicroelectronics

Part # L99PM62XP
Description  Power management IC with LIN and high speed CAN
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99PM62XP Datasheet(HTML) 52 Page - STMicroelectronics

Back Button L99PM62XP Datasheet HTML 48Page - STMicroelectronics L99PM62XP Datasheet HTML 49Page - STMicroelectronics L99PM62XP Datasheet HTML 50Page - STMicroelectronics L99PM62XP Datasheet HTML 51Page - STMicroelectronics L99PM62XP Datasheet HTML 52Page - STMicroelectronics L99PM62XP Datasheet HTML 53Page - STMicroelectronics L99PM62XP Datasheet HTML 54Page - STMicroelectronics L99PM62XP Datasheet HTML 55Page - STMicroelectronics L99PM62XP Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 98 page
background image
Electrical specifications
L99PM62XP
52/98
Doc ID 16363 Rev 3
The voltages are referred to GND and currents are assumed positive, when the current
flows into the pin. 6 V < VS < 18 V; 4.8 V < V1 < 5.2 V; Tj = -40 °C to 130 °C, unless
otherwise specified.
5.5.9
Relay drivers
The voltages are referred to GND and currents are assumed positive, when the current
flows into the pin. 6 V < VS < 18 V; 4.8 V < V1 < 5.2 V; Tj = -40 °C to 130 °C, unless
otherwise specified.
Table 20.
Outputs (OUT1...4)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
RDSON
Static drain source
on-resistance
(IOUT_HS = 150mA)
ILOAD = 60 mA @
Tj =+25 °C
713
Ω
IOUT
Short circuit shutdown current
8 V < Vs < 16 V
140
235
350
mA
IOLD
Open-load detection current 1
0.9
2
4.5
mA
dVOUT/dt
Slew rate
0.2
0.5
0.8
V/µs
tdON
Switch ON delay time
0.2 Vs
535
60
µs
tdOFF
Switch OFF delay time
0.8 Vs
30
95
150
µs
tSCF
Short circuit filter time
Tested by scan chain
64*TOSC
IFW
(1)
1.
Parameter guaranteed by design
Loss of GND current
(ESD structure)
100
mA
tOLDT
Open-load detection time
Tested by scan chain
64*TOSC
Table 21.
Relay drivers
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
RDSON
DC output resistance
ILOAD =100 mA @ Tj =+25 °C
2
3
Ω
IOUT
Short circuit shutdown current
8 V < Vs < 16 V
250
375
500
mA
VZ
Output clamp voltage(1)
ILOAD = 100 mA
40
48
V
tONHL
Turn on delay time to 10% VOUT
5
50
100
µs
tOFFLH
Turn off delay time to 90% VOUT
5
50
100
µs
tSCF
Short circuit filter time
Tested by scan chain
64*TOSC
dVOUT/dt Slew Rate
0.2
2
4
V/µs
1.
The output is capable to switch off relay coils with the impedance of RL = 160Ω; L = 300mH (RL = 220Ω; L = 420mH); at VS = 40V (Load
dump condition)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com