Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99PM62XP Datasheet(PDF) 85 Page - STMicroelectronics

Part # L99PM62XP
Description  Power management IC with LIN and high speed CAN
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99PM62XP Datasheet(HTML) 85 Page - STMicroelectronics

Back Button L99PM62XP Datasheet HTML 81Page - STMicroelectronics L99PM62XP Datasheet HTML 82Page - STMicroelectronics L99PM62XP Datasheet HTML 83Page - STMicroelectronics L99PM62XP Datasheet HTML 84Page - STMicroelectronics L99PM62XP Datasheet HTML 85Page - STMicroelectronics L99PM62XP Datasheet HTML 86Page - STMicroelectronics L99PM62XP Datasheet HTML 87Page - STMicroelectronics L99PM62XP Datasheet HTML 88Page - STMicroelectronics L99PM62XP Datasheet HTML 89Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 98 page
background image
L99PM62XP
ST SPI
Doc ID 16363 Rev 3
85/98
9
V1Reset_level_1
Select reset level
8
V1Reset_level_2
V1RSTlev_2
V1RSTlev_1
V1 reset level
00
4.6 V
01
4.35 V
10
4.1 V
11
3.8 V
7
LIN_PU_EN
Enable internal Lin pull up
0
No LIN master pull-up
1
LIN master pull-up
6
Res
Must be written to ‘1’
5
Lin_TxD_Tout_En
Enable / disable monitoring via TxD
0
No TxD monitoring
1
TxD monitoring; LIN transmitter is switched off if TXDL is
dominant for t > 12 ms
4
CAN_ACT
Activate CAN transceiver
0
CAN transceiver deactivated
Active mode
1
CAN transceiver activated
3
CAN_Loop_En
Enable looping of CANTX to CANRXD in V1 standby0
0
No looping
1
TXDC is looped to RXDC in V1 standby
2
CAN_Patt_wake_En Enable pattern wake up for CAN
0
No pattern wake up
1
Pattern wake up
1
CAN_split_On
Enable SPLIT termination for CAN
0
Split termination disabled
Active mode
1
Split termination enabled
Table 85.
Control register 4, bits (continued)
Bit
Name
Comment



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com