Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99PM62XP Datasheet(PDF) 48 Page - STMicroelectronics

Part # L99PM62XP
Description  Power management IC with LIN and high speed CAN
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99PM62XP Datasheet(HTML) 48 Page - STMicroelectronics

Back Button L99PM62XP Datasheet HTML 44Page - STMicroelectronics L99PM62XP Datasheet HTML 45Page - STMicroelectronics L99PM62XP Datasheet HTML 46Page - STMicroelectronics L99PM62XP Datasheet HTML 47Page - STMicroelectronics L99PM62XP Datasheet HTML 48Page - STMicroelectronics L99PM62XP Datasheet HTML 49Page - STMicroelectronics L99PM62XP Datasheet HTML 50Page - STMicroelectronics L99PM62XP Datasheet HTML 51Page - STMicroelectronics L99PM62XP Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 98 page
background image
Electrical specifications
L99PM62XP
48/98
Doc ID 16363 Rev 3
5.5.5
Voltage regulator V2
The voltages are referred to ground and currents are assumed positive, when the current
flows into the pin. 4.5 V < VS < 28 V; Tj = -40 °C to 130 °C, unless otherwise specified.
tTSD
V1 deactivation time after
thermal shutdown
1sec
Icmp_ris
Current comp. rising thresh.
Rising current
1.2
2.5
4
mA
Icmp_fal
Current comp. falling threshold
Falling current
0.8
1.95
2.8
mA
Icmp_hys Current comp. hysteresis
0.5
mA
V1fail
V1 fail threshold
V1 forced
2
V
tV1fail
V1 fail filter time
2
µs
tV1short
V1 short filter time
4
ms
1.
Nominal capacitor value required for stability of the regulator. Tested with 220 nF ceramic (+/- 20 %). Capacitor must be
located close to the regulator output pin.
Table 15.
Voltage regulator V1 (continued)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
Table 16.
Voltage regulator V2
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
V2
Output voltage
5,0
V
V2
Output voltage tolerance
active mode
ILOAD2 = 1 mA to 50 mA,
VS = 13.5 V
+/- 3
%
Vhc1
Output voltage tolerance
active mode
ILOAD2 = 50 mA to 80 mA,
VS = 13,5 V
+/- 4
%
V2
Output voltage tolerance
active mode, high current
ILOAD2 = 100 mA, VS = 13,5 V
+/- 6
%
VSTB2
Output voltage tolerance
V1 standby mode
ILOAD2 = 0 µA to 1 mA
VS = 13,5 V
+/-6
%
VDP2
Drop-out voltage
ILOAD2 = 25 mA, Vs = 5.25 V
ILOAD2 = 50 mA, Vs = 5.25 V
0.3
0.4
0.4
0.7
V
V
ICC2
Output current in active mode
Max. continuous load current
100
mA
ICCmax2 Short circuit output current
Current limitation
200
300
500
mA
Cload
Load capacitor
Ceramic (+/- 20 %)
0.22(1)
µF
V2fail
V2 fail threshold
V2 forced
2
V
tV2fail
V2 fail filter time
2
µs
tV2short V2 short filter time
4
ms
1.
Nominal capacitor value required for stability of the regulator. Tested with 220 nF ceramic (+/- 20 %). Capacitor must be
located close to the regulator output pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com