Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99PM62XP Datasheet(PDF) 41 Page - STMicroelectronics

Part # L99PM62XP
Description  Power management IC with LIN and high speed CAN
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99PM62XP Datasheet(HTML) 41 Page - STMicroelectronics

Back Button L99PM62XP Datasheet HTML 37Page - STMicroelectronics L99PM62XP Datasheet HTML 38Page - STMicroelectronics L99PM62XP Datasheet HTML 39Page - STMicroelectronics L99PM62XP Datasheet HTML 40Page - STMicroelectronics L99PM62XP Datasheet HTML 41Page - STMicroelectronics L99PM62XP Datasheet HTML 42Page - STMicroelectronics L99PM62XP Datasheet HTML 43Page - STMicroelectronics L99PM62XP Datasheet HTML 44Page - STMicroelectronics L99PM62XP Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 98 page
background image
L99PM62XP
Electrical specifications
Doc ID 16363 Rev 3
41/98
5
Electrical specifications
5.1
Absolute maximum rating
Note:
All maximum ratings are absolute ratings. Leaving the limitation of any of these values may
cause an irreversible damage of the integrated circuit!
Loss of ground or ground shift with externally grounded loads: ESD structures are
configured for nominal currents only. If external loads are connected to different grounds, the
current load must be limited to this nominal current.
Table 7.
Absolute maximum rating
Symbol
Parameter/test condition
Value [DC voltage]
Unit
VS
DC supply voltage / “jump start”
-0.3 to +28
V
Single pulse / tmax < 400 ms “transient load dump”
-0.3 to +40
V
V1
Stabilized supply voltage, logic supply
-0.3 to +5.25
V
V2
Stabilized supply voltage
-0.3 to +28
V
VDI VCLK
VDO VRXDL
VNRESET
VRXDC
Logic input / output voltage range
-0.3 to V1+0.3
V
VTXDC, VTXDL, VCSN Multi level inputs
-0.3 to Vs+0.3
V
VREL1, VREL2,
Low-side output voltage range
-0.3 to +40
V
VOUT1..3, VOUT_HS
High-side output voltage range
-0.3 to VS+0.3
V
VWU1...4
Wake up input voltage range
-0.3 to VS+0.3
V
VOP1P,VOP1M,
VOP2P, VOP2M,
Opamp1 input voltage range
Opamp2 input voltage range
-0.3 to V1+0.3
V
VOPOUT1,
VOPOUT2
Analog Output voltage range
-0.3 to VS+0.3
V
VLIN, VLINPU
LIN bus I/O voltage range
-20 to +40
V
IInput
Current injection into Vs related input pins
10
mA
Iout_inj
Current injection into Vs related outputs
10
mA
VCANSUP
CAN supply
-0.3 to +5.25
V
VCANH, VCANL,
VSPLIT
CAN bus I/O voltage range
-27 to +40
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com