Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99PM62XP Datasheet(PDF) 46 Page - STMicroelectronics

Part # L99PM62XP
Description  Power management IC with LIN and high speed CAN
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99PM62XP Datasheet(HTML) 46 Page - STMicroelectronics

Back Button L99PM62XP Datasheet HTML 42Page - STMicroelectronics L99PM62XP Datasheet HTML 43Page - STMicroelectronics L99PM62XP Datasheet HTML 44Page - STMicroelectronics L99PM62XP Datasheet HTML 45Page - STMicroelectronics L99PM62XP Datasheet HTML 46Page - STMicroelectronics L99PM62XP Datasheet HTML 47Page - STMicroelectronics L99PM62XP Datasheet HTML 48Page - STMicroelectronics L99PM62XP Datasheet HTML 49Page - STMicroelectronics L99PM62XP Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 98 page
background image
Electrical specifications
L99PM62XP
46/98
Doc ID 16363 Rev 3
5.5
Electrical characteristics
5.5.1
Supply and supply monitoring
The voltages are referred to ground and currents are assumed positive, when the current
flows into the pin Tj = -40 °C to 130 °C, unless otherwise specified.
Table 12.
Supply and supply monitoring
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VS
Supply voltage range
6
13.5
18
V
VSUV
VS undervoltage threshold
VS increasing / decreasing
5.11
5.81
V
Vhyst_UV Vs undervoltage hysteresis
0.0
0.1
0.15
V
VSOV
VS overvoltage threshold
VS increasing / decreasing
18.5
22
V
Vhyst_OV Vs overvoltage hysteresis
Hysteresis
0.5
1
1.5
V
tovuv_filt
Vs over/undervoltage filter time
64*Tosc
IV(act)
Current consumption in
active mode
Vs = 12V
TxD CAN = high
TxD LIN = high
V1 = on, V2 = on
612
mA
IV(BAT)
Current consumption in
VBAT standby mode
VS = 12V
Both voltage regulators deactivated,
no wake-up request(1)
812
28
µA
IV(BAT)CS
Current consumption in
VBAT standby mode with cyclic
sense enabled
VS = 12V
Both voltage regulators deactivated,
T = 50 ms, ton = 100 µs no wake-up
request(1)
40
75
125
µA
IV(BAT)CW
Current consumption in
VBAT standby mode with cyclic
wake enabled
VS = 12V
Both voltage regulators deactivated
During standby phase no
wake-up request(1)
40
75
125
µA
I(V1)
Current consumption in
V1-standby mode
VS = 12V
Voltage Regulator V1 active,
(Iv1 < Icmp) no wake-up request
(1)
16
51
76
µA
1.
Conditions for no wake-up request are (all conditions must be met):
2 V < LIN < (Vs-2 V)
0.4 V < (CAN_H – CAN_L) < 1,2 V
1V < VWUth < (Vs-2 V)
The current consumption in standby modes with cyclic sense can be calculated using the following formulas:
IV(BAT)CS =IV(BAT) + 55 µA + (2 mA * (tON + 100 µs) / T)
I(V1)CS =IV1 + 55 µA + (2 mA * (tON + 100 µs) / T)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com