Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99PM62XP Datasheet(PDF) 56 Page - STMicroelectronics

Part # L99PM62XP
Description  Power management IC with LIN and high speed CAN
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99PM62XP Datasheet(HTML) 56 Page - STMicroelectronics

Back Button L99PM62XP Datasheet HTML 52Page - STMicroelectronics L99PM62XP Datasheet HTML 53Page - STMicroelectronics L99PM62XP Datasheet HTML 54Page - STMicroelectronics L99PM62XP Datasheet HTML 55Page - STMicroelectronics L99PM62XP Datasheet HTML 56Page - STMicroelectronics L99PM62XP Datasheet HTML 57Page - STMicroelectronics L99PM62XP Datasheet HTML 58Page - STMicroelectronics L99PM62XP Datasheet HTML 59Page - STMicroelectronics L99PM62XP Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 98 page
background image
Electrical specifications
L99PM62XP
56/98
Doc ID 16363 Rev 3
5.5.12
LIN transceiver(c)
The voltages are referred to GND and currents are assumed positive, when the current
flows into the pin.
6V < VS < 18 V; 4.8 V < V1 < 5.2 V; Tjunction = -40 °C to 130 °C unless otherwise specified.
tdom(TXDC)
TXDC dominant time-out
700
µs
tCAN
CAN permanent dominant
time-out
700
µs
c.
LIN 2.1 compliant for Baud rates up to 20 kBit/s
SAE J2602 compatible
Table 27.
CAN transceiver timing (continued)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
Table 28.
LIN transmit data input: pin TXD
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VTXDLOW Input voltage dominant level
Active mode; V1 = 5 V
1,35
1.8
V
VTXDHIGH Input voltage recessive level Active mode; V1 =5V
2.5
2.8
V
VTXDHYS VTXDHIGH-VTXDLOW
Active mode; V1 =5V
0.7
1
V
RTXDPU
TXD pull up resistor
Active mode; V1 =5V
10
20
35
k
Ω
Table 29.
LIN receive data output: pin RXD
Symbol
Parameter
Test condition
Min.
Typ. Max.
Unit
VRXDLOW
Output voltage dominant level
Active mode;
V1 =5 V, ILOAD1 = 2 mA
0.2
0.5
V
VRXDHIGH Output voltage recessive level
Active mode;
V1 =5 V, ILOAD1 = 2 mA
4.5
V
Table 30.
LIN transmitter and receiver: pin LIN
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VTHdom
Receiver threshold voltage
recessive to dominant state
0.4*VS
0.45*VS
0.5*VS
V
VTHrec
Receiver threshold voltage
dominant to recessive state
0.5*VS
0.55*VS
0.6*VS
V
VTHhys
Receiver threshold hysteresis:
VTHrec -VTHdom
0.07*VS
0.1*VS
0.175*VS
V
VTHcnt
Receiver tolerance center
value: (VTHrec +VTHdom)/2
0.475*VS
0.5*VS
0.525*VS
V
VTHwkup
Receiver wakeup threshold
voltage
1.0
1.5
2
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com