Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99PM62XP Datasheet(PDF) 91 Page - STMicroelectronics

Part # L99PM62XP
Description  Power management IC with LIN and high speed CAN
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99PM62XP Datasheet(HTML) 91 Page - STMicroelectronics

Back Button L99PM62XP Datasheet HTML 87Page - STMicroelectronics L99PM62XP Datasheet HTML 88Page - STMicroelectronics L99PM62XP Datasheet HTML 89Page - STMicroelectronics L99PM62XP Datasheet HTML 90Page - STMicroelectronics L99PM62XP Datasheet HTML 91Page - STMicroelectronics L99PM62XP Datasheet HTML 92Page - STMicroelectronics L99PM62XP Datasheet HTML 93Page - STMicroelectronics L99PM62XP Datasheet HTML 94Page - STMicroelectronics L99PM62XP Datasheet HTML 95Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 98 page
background image
L99PM62XP
ST SPI
Doc ID 16363 Rev 3
91/98
Table 96.
Status register 1, bits
Bit
Name
Comment
Information storage
15
OL_HS
Open-load event occurred
since last read out
Bit is latched until a “read and clear” access
14
OL_OUT4
13
OL_OUT3
12
OL_OUT2
11
OL_OUT1
10
UV
Under voltage event on VS
occurred since last read out
VLOCKOUTEN
(CR4)
Information storage
0
automatically reset when UV
condition disappears
1
Bit is latched until a “read and clear”
access
9V2_fail
V2 fail (V2 < 2 V for t> 2 µs)
event occurred since last
readout
Bit is latched until a “Read and clear” access
8V2_short
V2 short (V2 < 2 V for t > 4ms
during start up) event
occurred since last readout
Bit is latched until a “Read and clear” access
7OV
Over voltage event on VS
occurred since last read out
VLOCKOUTEN
(CR4)
Information storage
0
automatically reset when OV
condition disappears
1
Bit is latched until a “read and clear”
access
6
OC_HS
Over current event occurred
since last read out
Bit is latched until a “read and clear” access
5OC_OUT4
4OC_OUT3
3OC_OUT2
2OC_OUT1
1
OC_REL2
0
OC_REL1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com