Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99PM62XP Datasheet(PDF) 27 Page - STMicroelectronics

Part # L99PM62XP
Description  Power management IC with LIN and high speed CAN
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99PM62XP Datasheet(HTML) 27 Page - STMicroelectronics

Back Button L99PM62XP Datasheet HTML 23Page - STMicroelectronics L99PM62XP Datasheet HTML 24Page - STMicroelectronics L99PM62XP Datasheet HTML 25Page - STMicroelectronics L99PM62XP Datasheet HTML 26Page - STMicroelectronics L99PM62XP Datasheet HTML 27Page - STMicroelectronics L99PM62XP Datasheet HTML 28Page - STMicroelectronics L99PM62XP Datasheet HTML 29Page - STMicroelectronics L99PM62XP Datasheet HTML 30Page - STMicroelectronics L99PM62XP Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 98 page
background image
L99PM62XP
Description
Doc ID 16363 Rev 3
27/98
system. The
forced VBAT standby mode can be terminated by any regular wake-up event.
The root cause of the
forced VBAT standby is indicated in the SPI status registers
The
forced VBAT standby mode is entered in case of:
●
Multiple watchdog failures: forced sleep WD = 1 (15x watchdog failure)
●
Multiple thermal shutdown 2: forced sleep TSD2/SHTV1 = 1 (7x TSD2)
●
V1 short at turn-on: forced sleep TSD2/SHTV1 = 1 (V1 < V1fail for t > 4 ms)
Figure 16.
Example: exit fail safe mode from watchdog failure
Table 6.
Persisting fail safe conditions and exit modes
Failure source
Failure condition
Diagnosis
Exit from fail-safe mode
µC (oscillator)
15 consecutive
watchdog failures
Fail-safe = 1
ForcedSleepWD = 1
Wake-up
TRIG = 1 during LOWi
read & clear SR3
V1
short at turn-on
Fail-safe = 1
ForcedSleepTSD2/SHTV1 = 1
Read&clear SR3 after wake-up
Temperature
7 times TSD2
Fail-safe = 1
TW = 1
TSD1 = 1
TSD2 = 1
ForcedSleepTSD2/SHTV1 = 1
Read&clear SR3 after wake-up



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com