Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99PM62XP Datasheet(PDF) 35 Page - STMicroelectronics

Part # L99PM62XP
Description  Power management IC with LIN and high speed CAN
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99PM62XP Datasheet(HTML) 35 Page - STMicroelectronics

Back Button L99PM62XP Datasheet HTML 31Page - STMicroelectronics L99PM62XP Datasheet HTML 32Page - STMicroelectronics L99PM62XP Datasheet HTML 33Page - STMicroelectronics L99PM62XP Datasheet HTML 34Page - STMicroelectronics L99PM62XP Datasheet HTML 35Page - STMicroelectronics L99PM62XP Datasheet HTML 36Page - STMicroelectronics L99PM62XP Datasheet HTML 37Page - STMicroelectronics L99PM62XP Datasheet HTML 38Page - STMicroelectronics L99PM62XP Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 98 page
background image
L99PM62XP
Protection and diagnosis
Doc ID 16363 Rev 3
35/98
3
Protection and diagnosis
3.1
Power supply fail
Over and under-voltage detection on Vs
3.1.1
Vs overvoltage
If the supply voltage Vs reaches the over voltage threshold (VSOV):
●
Outputs OUTx, RELx and LIN are switched to high impedance state (load protection).
CAN is not disabled. Recovery of outputs when the overvoltage condition disappears is
depending on the setting of VLOCKOUT_EN bit in Control Register 4.
–
VLOCKOUT_EN = 1: Outputs are off until read and clear SR3.
–
VLOCKOUT_EN = 0: Outputs switch automatically on when overvoltage condition
disappears.
●
The over voltage bit is set and can be cleared with a ‘Read and Clear’ command. The
overvoltage bit is removed automatically if VLOCKOUT_EN = 0 and the overvoltage
condition disappears.
●
Outputs REL1,2 can be excluded from a shutdown in case of overvoltage by SPI
(LSOVUV_ Shutdown_en in CR4)
3.1.2
Vs undervoltage
If the supply voltage Vs drops below the under voltage threshold voltage (VSUV)
●
Outputs OUTx, RELx and LIN are switched to high impedance state (load protection).
CAN is not disabled. Recovery of outputs when the undervoltage condition disappears
is depending on the setting of VLOCKOUT_EN bit.
VLOCKOUT_EN = 1: Outputs are off until read and clear SR3.
VLOCKOUT_EN = 0: Outputs switch on automatically when undervoltage condition
disappears.
●
The undervoltage bit is set and can be cleared with a ‘Read and Clear’ command. The
undervoltage bit is removed automatically if VLOCKOUT_EN = 0 and the undervoltage
condition disappears
●
Outputs REL1,2 can be excluded from a shutdown in case of undervoltage by SPI
(LSOVUV_shutdown_en in CR4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com