Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99PM62XP Datasheet(PDF) 87 Page - STMicroelectronics

Part # L99PM62XP
Description  Power management IC with LIN and high speed CAN
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99PM62XP Datasheet(HTML) 87 Page - STMicroelectronics

Back Button L99PM62XP Datasheet HTML 83Page - STMicroelectronics L99PM62XP Datasheet HTML 84Page - STMicroelectronics L99PM62XP Datasheet HTML 85Page - STMicroelectronics L99PM62XP Datasheet HTML 86Page - STMicroelectronics L99PM62XP Datasheet HTML 87Page - STMicroelectronics L99PM62XP Datasheet HTML 88Page - STMicroelectronics L99PM62XP Datasheet HTML 89Page - STMicroelectronics L99PM62XP Datasheet HTML 90Page - STMicroelectronics L99PM62XP Datasheet HTML 91Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 98 page
background image
L99PM62XP
ST SPI
Doc ID 16363 Rev 3
87/98
Control register 6
7
PWM_
FREQ
Select PWM frequency
0128 Hz
1256 Hz
6
PWM1_
ON_DC_6
5
PWM1_
ON_DC_5
PWM1
ON_
DC_6
PWM1
ON_
DC_5
PWM1
ON_
DC_4
PWM1
ON_
DC_3
PWM1
ON_
DC_2
PWM1
ON_
DC_1
PWM1
ON_
DC_0
PWM duty cycle
4
PWM1_
ON_DC_4
111
1111
100%, HS ON
3
PWM1_
ON_DC_3
...
2
PWM1_
ON_DC_2
000
0010
1.5%
1
PWM1_
ON_DC_1
000
0001
0.75%
0
PWM1_
ON_DC_0
000
0000
0% HS OFF
Table 88.
Control register 5, bits (continued)
Bit
Name
Comment
Table 89.
Control register 6: command and data bytes
Command byte
1st data byte
2nd data byte
Read/Write
Address
x
x
000110
Data, 8bit
Data, 8 bit
Table 90.
Control register 6, data bytes
1st data byte <15:8>
2nd data byte <7:0>
Defaults
1111
111
0
0
0
0
0
00
Function
Res
PWM4
Off_
DC_6
PWM4
Off_
DC_5
PWM4
Off_
DC_4
PWM4
Off_
DC_3
PWM4
Off_
DC_2
PWM4
Off_
DC_1
PWM4
Off_
DC_0
Res
PWM3
ON_
DC_6
PWM3
ON_
DC_5
PWM3
ON_
DC_4
PWM3
ON-DC_3
PWM3
ON_
DC_2
PWM3
ON_
DC_1
PWM3
ON_
DC_0
Group
PWM4 setting
PWM3 setting



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com