Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8904CGEFL/V Datasheet(PDF) 104 Page - Wolfson Microelectronics plc

Part # WM8904CGEFL/V
Description  Ultra Low Power CODEC for Portable Audio Applications
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8904CGEFL/V Datasheet(HTML) 104 Page - Wolfson Microelectronics plc

Back Button WM8904CGEFL/V Datasheet HTML 100Page - Wolfson Microelectronics plc WM8904CGEFL/V Datasheet HTML 101Page - Wolfson Microelectronics plc WM8904CGEFL/V Datasheet HTML 102Page - Wolfson Microelectronics plc WM8904CGEFL/V Datasheet HTML 103Page - Wolfson Microelectronics plc WM8904CGEFL/V Datasheet HTML 104Page - Wolfson Microelectronics plc WM8904CGEFL/V Datasheet HTML 105Page - Wolfson Microelectronics plc WM8904CGEFL/V Datasheet HTML 106Page - Wolfson Microelectronics plc WM8904CGEFL/V Datasheet HTML 107Page - Wolfson Microelectronics plc WM8904CGEFL/V Datasheet HTML 108Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 188 page
background image
WM8904
Pre-Production
w
PP, Rev 3.3, September 2012
104
The following operating frequency limits must be observed when configuring SYSCLK. Failure to
observe these limits will result in degraded noise performance and/or incorrect ADC/DAC
functionality.
SYSCLK
 3MHz
If DAC_OSR128 = 1 then SYSCLK
 6MHz
If DAC_MONO = 1, then SYSCLK
 64 x fs
If DAC_MONO = 0, then SYSCLK
 128 x fs
If ADCL_ENA = 1 or ADCR_ENA = 1 then SYSCLK
 256 x fs
Note that DAC Mono mode (DAC_MONO = 1) is only valid when one or other DAC is disabled. If both
DACs are enabled, then the minimum SYSCLK for clocking the DACs is 128 x fs.
The SYSCLK control register fields are defined in Table 61.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R22 (16h)
Clock Rates
2
15
MCLK_INV
0
MCLK Invert
0 = MCLK not inverted
1 = MCLK inverted
14
SYSCLK_SRC
0
SYSCLK Source Select
0 = MCLK
1 = FLL output
2
CLK_SYS_ENA
0
System Clock enable
0 = Disabled
1 = Enabled
R20 (14h)
Clock Rates
0
0
MCLK_DIV
0
Enables divide by 2 on MCLK
0 = SYSCLK = MCLK
1 = SYSCLK = MCLK / 2
Table 61 MCLK and SYSCLK Control
CONTROL INTERFACE CLOCKING
Register map access is possible with or without a Master Clock (MCLK). However, if CLK_SYS_ENA
has been set to 1, then a Master Clock must be present for control register Read/Write operations. If
CLK_SYS_ENA = 1 and MCLK is not present, then register access will be unsuccessful. (Note that
read/write access to register R22, containing CLK_SYS_ENA, is always possible.)
If it cannot be assured that MCLK is present when accessing the register map, then it is required to
set CLK_SYS_ENA = 0 to ensure correct operation.
It is possible to use the WM8904 analogue bypass paths to the differential line outputs (LON/LOP and
RON/ROP) without MCLK. Note that MCLK is always required when using HPOUTL, HPOUTR,
LINEOUTL or LINEOUTR.
CLOCKING CONFIGURATION
The WM8904 supports a wide range of standard audio sample rates from 8kHz to 48kHz. The
Automatic Clocking Configuration simplifies the configuration of the clock dividers in the WM8904 by
deriving most of the necessary parameters from a minimum number of user registers.
The SAMPLE_RATE field selects the sample rate, fs, of the ADC and DAC. Note that the same
sample rate always applies to the ADC and DAC.
The CLK_SYS_RATE field must be set according to the ratio of SYSCLK to fs. When these fields are
set correctly, the Sample Rate Decoder circuit automatically determines the clocking configuration for
all other circuits within the WM8904.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com