Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8904CGEFL/V Datasheet(PDF) 107 Page - Wolfson Microelectronics plc

Part # WM8904CGEFL/V
Description  Ultra Low Power CODEC for Portable Audio Applications
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8904CGEFL/V Datasheet(HTML) 107 Page - Wolfson Microelectronics plc

Back Button WM8904CGEFL/V Datasheet HTML 103Page - Wolfson Microelectronics plc WM8904CGEFL/V Datasheet HTML 104Page - Wolfson Microelectronics plc WM8904CGEFL/V Datasheet HTML 105Page - Wolfson Microelectronics plc WM8904CGEFL/V Datasheet HTML 106Page - Wolfson Microelectronics plc WM8904CGEFL/V Datasheet HTML 107Page - Wolfson Microelectronics plc WM8904CGEFL/V Datasheet HTML 108Page - Wolfson Microelectronics plc WM8904CGEFL/V Datasheet HTML 109Page - Wolfson Microelectronics plc WM8904CGEFL/V Datasheet HTML 110Page - Wolfson Microelectronics plc WM8904CGEFL/V Datasheet HTML 111Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 188 page
background image
Pre-Production
WM8904
w
PP, Rev 3.3, September 2012
107
A list of possible TOCLK rates is provided in Table 66.
TOCLK_RATE
TOCLK_RATE_X4
TOCLK_RATE_DIV16
TOCLK
FREQ (Hz)
PERIOD
(ms)
1
1
0
1000
1
0
1
0
500
2
1
0
0
250
4
0
0
0
125
8
1
1
1
62.5
16
0
1
1
31.25
32
1
0
1
15.625
64
0
0
1
7.8125
128
Table 66 TOCLK Rates
ADC / DAC OPERATION AT 88.2K / 96K
The WM8904 supports ADC or DAC operation at 88.2kHz and 96kHz sample rates. This section
details specific conditions applicable to these operating modes. Note that simultaneous ADC and
DAC operation at 88.2kHz or 96kHz is not possible.
For DAC operation at 88.2kHz or 96kHz sample rates, the available clocking configurations are
detailed in Table 67. DAC operation at these sample rates is achieved by setting the SAMPLE_RATE
field to half the required sample rate (eg. select 48kHz for 96kHz mode).
For DAC operation at 88.2kHz or 96kHz sample rates, the ADCs must both be disabled (ADCL_ENA
= 0 and ADCR_ENA = 0). Also, the DAC_OSR128 register must be set to 0. ReTune
TM Mobile can
not be used during 88.2kHz or 96kHz operation, so EQ_ENA must be set to 0.
The SYSCLK frequency is derived from MCLK. The maximum MCLK frequency is defined in the
“Signal Timing Requirements” section.
SAMPLE RATE
REGISTER CONFIGURATION
CLOCKING RATIO
88.2kHz
SAMPLE_RATE = 101
CLK_SYS_RATE = 0001 (SYSCLK / fs = 128)
BCLK_DIV = 00010
LRCLK_RATE = 040h
SYSCLK = 128 x fs
96kHz
SAMPLE_RATE = 101
CLK_SYS_RATE = 0001 (SYSCLK / fs = 128)
BCLK_DIV = 00010
LRCLK_RATE = 040h
SYSCLK = 128 x fs
Table 67 DAC Operation at 88.2kHz and 96kHz Sample Rates
For ADC operation at 88.2kHz or 96kHz sample rates, the available clocking configurations are
detailed in Table 68.
ADC operation at these sample rates is achieved by setting the SAMPLE_RATE field to half the
required sample rate (eg. select 48kHz for 96kHz mode). For ADC operation at 88.2kHz or 96kHz
sample rates, the DACs must both be disabled (DACL_ENA = 0 and DACR_ENA = 0). Note that
ADC_OSR128, ADC_128_OSR_TST_MODE, and ADC_BIASX1P5 must be configured according to
Table 68.
The SYSCLK frequency is derived from MCLK. The maximum MCLK frequency is defined in the
“Signal Timing Requirements” section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com