Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8904CGEFL/V Datasheet(PDF) 114 Page - Wolfson Microelectronics plc

Part # WM8904CGEFL/V
Description  Ultra Low Power CODEC for Portable Audio Applications
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8904CGEFL/V Datasheet(HTML) 114 Page - Wolfson Microelectronics plc

Back Button WM8904CGEFL/V Datasheet HTML 110Page - Wolfson Microelectronics plc WM8904CGEFL/V Datasheet HTML 111Page - Wolfson Microelectronics plc WM8904CGEFL/V Datasheet HTML 112Page - Wolfson Microelectronics plc WM8904CGEFL/V Datasheet HTML 113Page - Wolfson Microelectronics plc WM8904CGEFL/V Datasheet HTML 114Page - Wolfson Microelectronics plc WM8904CGEFL/V Datasheet HTML 115Page - Wolfson Microelectronics plc WM8904CGEFL/V Datasheet HTML 116Page - Wolfson Microelectronics plc WM8904CGEFL/V Datasheet HTML 117Page - Wolfson Microelectronics plc WM8904CGEFL/V Datasheet HTML 118Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 188 page
background image
WM8904
Pre-Production
w
PP, Rev 3.3, September 2012
114
EXAMPLE FLL SETTINGS
Table 73 provides example FLL settings for generating common SYSCLK frequencies from a variety
of low and high frequency reference inputs.
FREF
FOUT
FLL_CLK_
REF_DIV
FVCO
FLL_N
FLL_K
FLL_
FRATIO
FLL_
OUTDIV
FLL_
FRACN
_ENA
32.768 kHz
12.288 MHz
Divide by 1
(0h)
98.304
MHz
187
(0BBh)
0.5
(8000h)
16
(4h)
8
(7h)
1
32.768 kHz
11.288576
MHz
Divide by 1
(0h)
90.308608
MHz
344
(158h)
0.5
(8000h)
8
(3h)
8
(7h)
1
32.768 kHz
11.2896
MHz
Divide by 1
(0h)
90.3168
MHz
344
(158h)
0.53125
(8800h)
8
(3h)
8
(7h)
1
48 kHz
12.288 MHz
Divide by 1
(0h)
98.304
MHz
256
(100h)
0
(0000h)
8
(3h)
8
(7h)
0
12.000 MHz
12.288 MHz
Divide by 1
(0h)
98.3040
MHz
8
(008h)
0.192
(3127h)
1
(0h)
8
(7h)
1
12.000 MHz
11.289597
MHz
Divide by 1
(0h)
90.3168
MHz
7
(007h)
0.526398
(86C2h)
1
(0h)
8
(7h)
1
12.288 MHz
12.288 MHz
Divide by 1
(0h)
98.304
MHz
8
(008h)
0
(0000h)
1
(0h)
8
(7h)
0
12.288 MHz
11.2896
MHz
Divide by 1
(0h)
90.3168
MHz
7
(007h)
0.35
(599Ah)
1
(0h)
8
(7h)
1
13.000 MHz
12.287990
MHz
Divide by 1
(0h)
98.3040
MHz
7
(007h)
0.56184
(8FD5h)
1
(0h)
8
(7h)
1
13.000 MHz
11.289606
MHz
Divide by 1
(0h)
90.3168
MHz
6
(006h)
0.94745
(F28Ch)
1
(0h)
8
(7h)
1
19.200 MHz
12.287988
MHz
Divide by 2
(1h)
98.3039
MHz
5
(005h)
0.119995
(1EB8h)
1
(0h)
8
(7h)
1
19.200 MHz
11.289588
MHz
Divide by 2
(1h)
90.3168
MHz
4
(004h)
0.703995
(B439h)
1
(0h)
8
(7h)
1
Table 73 Example FLL Settings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com