Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8904CGEFL/V Datasheet(PDF) 116 Page - Wolfson Microelectronics plc

Part # WM8904CGEFL/V
Description  Ultra Low Power CODEC for Portable Audio Applications
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8904CGEFL/V Datasheet(HTML) 116 Page - Wolfson Microelectronics plc

Back Button WM8904CGEFL/V Datasheet HTML 112Page - Wolfson Microelectronics plc WM8904CGEFL/V Datasheet HTML 113Page - Wolfson Microelectronics plc WM8904CGEFL/V Datasheet HTML 114Page - Wolfson Microelectronics plc WM8904CGEFL/V Datasheet HTML 115Page - Wolfson Microelectronics plc WM8904CGEFL/V Datasheet HTML 116Page - Wolfson Microelectronics plc WM8904CGEFL/V Datasheet HTML 117Page - Wolfson Microelectronics plc WM8904CGEFL/V Datasheet HTML 118Page - Wolfson Microelectronics plc WM8904CGEFL/V Datasheet HTML 119Page - Wolfson Microelectronics plc WM8904CGEFL/V Datasheet HTML 120Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 188 page
background image
WM8904
Pre-Production
w
PP, Rev 3.3, September 2012
116
GPIO2
The GPIO2 pin is configured using the register bits described in Table 76. By default, this pin is GPIO
input with pull-down resistor enabled.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R122 (7Ah)
GPIO
Control 2
5
GPIO2_PU
0
GPIO2 pull-up resistor enable
0 = pull-up disabled
1 = pull-up enabled
4
GPIO2_PD
1
GPIO2 pull-down resistor enable
0 = pull-down disabled
1 = pull-down enabled
3:0
GPIO2_SEL [3:0]
0000
GPIO2 Function Select
0000 = Input pin (default)
0001 = Clock output
(f=SYSCLK/OPCLKDIV)
0010 = Logic '0'
0011 = Logic '1'
0100 = IRQ
0101 = FLL Lock
0110 = Mic Detect
0111 = Mic Short
1000 = DMIC clock out
1001 = FLL Clock Output
1010 to 1111 = Reserved
Table 76 GPIO2 Control
GPIO3
The GPIO3 pin is configured using the register bits described in Table 77. By default, this pin is GPIO
input with pull-down resistor enabled.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R123 (7Bh)
GPIO
Control 3
5
GPIO3_PU
0
GPIO3 pull-up resistor enable
0 = pull-up disabled
1 = pull-up enabled
4
GPIO3_PD
1
GPIO3 pull-down resistor enable
0 = pull-down disabled
1 = pull-down enabled
3:0
GPIO3_SEL [3:0]
0000
GPIO3 Function Select
0000 = Input pin (default)
0001 = Clock output
(f=SYSCLK/OPCLKDIV)
0010 = Logic '0'
0011 = Logic '1'
0100 = IRQ
0101 = FLL Lock
0110 = Mic Detect
0111 = Mic Short
1000 = DMIC clock out
1001 = FLL Clock Output
1010 to 1111 = Reserved
Table 77 GPIO3 Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com