Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8904CGEFL/V Datasheet(PDF) 129 Page - Wolfson Microelectronics plc

Part # WM8904CGEFL/V
Description  Ultra Low Power CODEC for Portable Audio Applications
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8904CGEFL/V Datasheet(HTML) 129 Page - Wolfson Microelectronics plc

Back Button WM8904CGEFL/V Datasheet HTML 125Page - Wolfson Microelectronics plc WM8904CGEFL/V Datasheet HTML 126Page - Wolfson Microelectronics plc WM8904CGEFL/V Datasheet HTML 127Page - Wolfson Microelectronics plc WM8904CGEFL/V Datasheet HTML 128Page - Wolfson Microelectronics plc WM8904CGEFL/V Datasheet HTML 129Page - Wolfson Microelectronics plc WM8904CGEFL/V Datasheet HTML 130Page - Wolfson Microelectronics plc WM8904CGEFL/V Datasheet HTML 131Page - Wolfson Microelectronics plc WM8904CGEFL/V Datasheet HTML 132Page - Wolfson Microelectronics plc WM8904CGEFL/V Datasheet HTML 133Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 188 page
background image
Pre-Production
WM8904
w
PP, Rev 3.3, September 2012
129
DEFAULT SEQUENCES
When the WM8904 is powered up, two Control Write Sequences are available through default
settings in both RAM and ROM memory locations. The purpose of these sequences, and the register
write required to initiate them, is summarised in Table 87. In both cases, a single register write will
initiate the sequence.
WSEQ START
INDEX
WSEQ FINISH
INDEX
PURPOSE
TO INITIATE
0 (00h)
22 (16h)
Start-Up sequence
Write 0100h to
Register R111 (6Fh)
25 (19h)
39 (27h)
Shutdown sequence
Write 0119h to
Register R111 (6Fh)
Table 87 Write Sequencer Default Sequences
Note on Shutdown sequence: The instruction at Index Address 25 (19h) shorts the outputs
LINEOUTL and LINEOUTR. If the Line outputs are not in use at the time the sequence is run, then
the sequence could, instead, be started at Index Address 26.
Index addresses 0 to 31 may be programmed to users’ own settings at any time, as described in
“Programming a Sequence”. Users’ own settings remain in memory and are not affected by software
resets (i.e. writing to Register R0). However, any non-default sequences are lost when the device is
powered down.
START-UP SEQUENCE
The Start-up sequence is initiated by writing 0100h to Register R111 (6Fh). This single operation
starts the Control Write Sequencer at Index Address 0 (00h) and executes the sequence defined in
Table 88.
For typical clocking configurations with MCLK=12.288MHz, this sequence takes approximately 300ms
to run.
Note that, for fast startup, step 18 may be overwritten with dummy data in order to achieve startup
within 50ms (see “Quick Start-Up and Shutdown”).
WSEQ
INDEX
REGISTER
ADDRESS
WIDTH
START
DATA
DELAY
EOS
DESCRIPTION
0 (00h)
R4 (04h)
5 bits
Bit 0
1Ah
0h
0b
ISEL = 10b
BIAS_ENA = 0
(delay = 0.5625ms)
1 (01h)
R5 (05h)
8 bits
Bit 0
47h
6h
0b
VMID_BUF_ENA = 1
VMID_RES[1:0] = 11b
VMID_ENA = 1
(delay = 4.5ms)
2 (02h)
R5 (05h)
2 bits
Bit 1
01h
0h
0b
VMID_RES[1:0] = 01b
(delay = 0.5625ms)
3 (03h)
R4 (04h)
1 bit
Bit 0
01h
0h
0b
BIAS_ENA = 1
(delay = 0.5625ms)
4 (04h)
R14 (0Eh)
2 bits
Bit 0
03h
0h
0b
HPL_PGA_ENA = 1
HPR_PGA_ENA = 1
(delay = 0.5625ms)
5 (05h)
R15 (0Fh)
2 bits
Bit 0
03h
0h
0b
LINEOUTL_PGA_ENA = 1
LINEOUTR_PGA_ENA = 1
(delay = 0.5625ms)
6 (06h)
R22 (16h)
1 bit
Bit 1
01h
0h
0b
CLK_DSP_ENA = 1
(delay = 0.5625ms)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com