Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8904CGEFL/V Datasheet(PDF) 131 Page - Wolfson Microelectronics plc

Part # WM8904CGEFL/V
Description  Ultra Low Power CODEC for Portable Audio Applications
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8904CGEFL/V Datasheet(HTML) 131 Page - Wolfson Microelectronics plc

Back Button WM8904CGEFL/V Datasheet HTML 127Page - Wolfson Microelectronics plc WM8904CGEFL/V Datasheet HTML 128Page - Wolfson Microelectronics plc WM8904CGEFL/V Datasheet HTML 129Page - Wolfson Microelectronics plc WM8904CGEFL/V Datasheet HTML 130Page - Wolfson Microelectronics plc WM8904CGEFL/V Datasheet HTML 131Page - Wolfson Microelectronics plc WM8904CGEFL/V Datasheet HTML 132Page - Wolfson Microelectronics plc WM8904CGEFL/V Datasheet HTML 133Page - Wolfson Microelectronics plc WM8904CGEFL/V Datasheet HTML 134Page - Wolfson Microelectronics plc WM8904CGEFL/V Datasheet HTML 135Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 188 page
background image
Pre-Production
WM8904
w
PP, Rev 3.3, September 2012
131
SHUTDOWN SEQUENCE
The Shutdown sequence is initiated by writing 0119h to Register R111 (6Fh). This single operation
starts the Control Write Sequencer at Index Address 25 (19h) and executes the sequence defined in
Table 89.
For typical clocking configurations with MCLK=12.288MHz, this sequence takes approximately 350ms
to run.
WSEQ
INDEX
REGISTER
ADDRESS
WIDTH
START
DATA
DELAY
EOS
DESCRIPTION
25 (19h)
R94 (5Eh)
8 bits
Bit 0
77h
0h
0b
LINEOUTL_RMV_SHORT = 0
LINEOUTR_RMV_SHORT = 0
(delay = 0.5625ms)
26 (1Ah)
R90 (5Ah)
8 bits
Bit 0
77h
0h
0b
HPL_RMV_SHORT = 0
HPR_RMV_SHORT = 0
(delay = 0.5625ms)
27 (1Bh)
R90 (5Ah)
8 bits
Bit 0
00h
0h
0b
HPL_ENA_OUTP = 0
HPL_ENA_DLY = 0
HPL_ENA = 0
HPR_ENA_OUTP = 0
HPR_ENA_DLY = 0
HPR_ENA = 0
(delay = 0.5625ms)
28 (1Ch)
R94 (5Eh)
8 bits
Bit 0
00h
0h
0b
LINEOUTL_ENA_OUTP = 0
LINEOUTL_ENA_DLY = 0
LINEOUTL_ENA = 0
LINEOUTR_ENA_OUTP = 0
LINEOUTR_ENA_DLY = 0
LINEOUTR_ENA = 0
(delay = 0.5625ms)
29 (1Dh)
R67 (43h)
4 bits
Bit 0
00h
0h
0b
DCS_ENA_CHAN_0 = 0
DCS_ENA_CHAN_1 = 0
DCS_ENA_CHAN_2 = 0
DCS_ENA_CHAN_3 = 0
(delay = 0.5625ms)
30 (1Eh)
R98 (62h)
1 bit
Bit 0
00h
0h
0b
CP_ENA = 0
(delay = 0.5625ms)
31 (1Fh)
R18 (12h)
2 bits
Bit 2
00h
0h
0b
DACL_ENA = 0
DACR_ENA = 0
(delay = 0.5625ms)
32 (20h)
R22 (16h)
1 bit
Bit 1
00h
0h
0b
CLK_DSP_ENA = 0
(delay = 0.5625ms)
33 (21h)
R14 (0Eh)
2 bits
Bit 0
00h
0h
0b
HPL_PGA_ENA = 0
HPR_PGA_ENA = 0
(delay = 0.5625ms)
34 (22h)
R15 (0Fh)
2 bits
Bit 0
00h
0h
0b
LINEOUTL_PGA_ENA = 0
LINEOUTR_PGA_ENA = 0
(delay = 0.5625ms)
35 (23h)
R4 (04h)
1 bit
Bit 0
00h
0h
0b
BIAS_ENA = 0
(delay = 0.5625ms)
36 (24h)
R5 (05h)
1 bit
Bit 0
00h
Ch
0b
VMID_ENA = 0
(delay = 256.5ms)
37 (25h)
R5 (05h)
1 bit
Bit 0
00h
9h
0b
VMID_ENA = 0
(delay = 32.5ms)
38 (26h)
R5 (05h)
8 bits
Bit 0
00h
0h
0b
VMID_BUF_ENA = 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com