Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8904CGEFL/V Datasheet(PDF) 135 Page - Wolfson Microelectronics plc

Part # WM8904CGEFL/V
Description  Ultra Low Power CODEC for Portable Audio Applications
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8904CGEFL/V Datasheet(HTML) 135 Page - Wolfson Microelectronics plc

Back Button WM8904CGEFL/V Datasheet HTML 131Page - Wolfson Microelectronics plc WM8904CGEFL/V Datasheet HTML 132Page - Wolfson Microelectronics plc WM8904CGEFL/V Datasheet HTML 133Page - Wolfson Microelectronics plc WM8904CGEFL/V Datasheet HTML 134Page - Wolfson Microelectronics plc WM8904CGEFL/V Datasheet HTML 135Page - Wolfson Microelectronics plc WM8904CGEFL/V Datasheet HTML 136Page - Wolfson Microelectronics plc WM8904CGEFL/V Datasheet HTML 137Page - Wolfson Microelectronics plc WM8904CGEFL/V Datasheet HTML 138Page - Wolfson Microelectronics plc WM8904CGEFL/V Datasheet HTML 139Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 188 page
background image
Pre-Production
WM8904
w
PP, Rev 3.3, September 2012
135
QUICK START-UP AND SHUTDOWN
The WM8904 has the capability to perform a quick start-up and shutdown with a minimum number of
register operations. This is achieved using the Control Write Sequencer, which is configured with
default start-up settings that set up the device for DAC playback via Headphone and Line output.
Assuming a 12.288MHz external clock, the start-up sequence configures the device for 48kHz
playback mode.
The default start-up sequence requires three register write operations. The default shutdown
sequence requires just a single register write. The minimum procedure for executing the quick start-
up and shutdown sequences is described below. See “Control Write Sequencer” for more details.
After the default start-up sequence has been performed, the DC offset correction values will be held
in memory, provided that power is maintained and a software reset is not performed. Fast start-up
using the stored values of DC offset correction is also possible, as described below.
QUICK START-UP (DEFAULT SEQUENCE)
An external clock must be applied to MCLK. Assuming 12.288MHz input clock, the start-up sequence
will take approximately 300ms to complete.
The following register operations will initiate the quick start-up sequence.
REGISTER
ADDRESS
VALUE
DESCRIPTION
R108 (6Ch)
Write Sequencer 0
0100h
WSEQ_ENA = 1
WSEQ_WRITE_INDEX = 00h
This enables the Write Sequencer
R111 (6Fh)
Write Sequencer 3
0100h
WSEQ_ABORT = 0
WSEQ_START = 1
WSEQ_START_INDEX = 00h
This starts the Write Sequencer at Index address 0 (00h)
R33 (21h)
DAC Digital 1
0000h
DAC_MONO = 0
DAC_SB_FILT = 0
DAC_MUTERATE = 0
DAC_UNMUTE_RAMP = 0
DAC_OSR128 = 0
DAC_MUTE = 0
DEEMPH = 00
This un-mutes the DACs
Table 91 Quick Start-up Control
The WSEQ_BUSY bit (in Register R112, see Table 85) will be set to 1 while the sequence runs.
When this bit returns to 0, the device has been set up and is ready for DAC playback operation.
FAST START-UP FROM STANDBY
The default start-up sequence runs the DC Servo to remove DC offsets from the outputs. The offset
for this path selection is then stored in memory. Provided that power is maintained to the chip, and a
software reset is not performed, then the DC offset correction will be held in memory on the WM8904.
This allows the DC Servo calibrations to be omitted from the start-up sequence if the offset correction
has already been performed. By omitting this part of the start-up sequence, a fast start-up time of less
than 50ms can be achieved.
The register write sequence described in Table 92 replaces the default DC Servo operation with
dummy operations, allowing a fast start-up to be achieved, assuming the device is initially in a
standby condition with DC offset correction previously performed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com