Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8904CGEFL/V Datasheet(PDF) 136 Page - Wolfson Microelectronics plc

Part # WM8904CGEFL/V
Description  Ultra Low Power CODEC for Portable Audio Applications
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8904CGEFL/V Datasheet(HTML) 136 Page - Wolfson Microelectronics plc

Back Button WM8904CGEFL/V Datasheet HTML 132Page - Wolfson Microelectronics plc WM8904CGEFL/V Datasheet HTML 133Page - Wolfson Microelectronics plc WM8904CGEFL/V Datasheet HTML 134Page - Wolfson Microelectronics plc WM8904CGEFL/V Datasheet HTML 135Page - Wolfson Microelectronics plc WM8904CGEFL/V Datasheet HTML 136Page - Wolfson Microelectronics plc WM8904CGEFL/V Datasheet HTML 137Page - Wolfson Microelectronics plc WM8904CGEFL/V Datasheet HTML 138Page - Wolfson Microelectronics plc WM8904CGEFL/V Datasheet HTML 139Page - Wolfson Microelectronics plc WM8904CGEFL/V Datasheet HTML 140Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 188 page
background image
WM8904
Pre-Production
w
PP, Rev 3.3, September 2012
136
Note that, if power is removed from the WM8904 or if a software reset is performed, then the default
sequence will be restored, and the DC offset correction will be necessary on the output paths once
more.
REGISTER
ADDRESS
VALUE
DESCRIPTION
R108 (6Ch)
Write Sequencer 0
0111h
WSEQ_ENA = 1
WSEQ_WRITE_INDEX = 11h
This enables the Write Sequencer and selects WSEQ
Index 17 (11h) for modification
R109 (6Dh)
Write Sequencer 1
00FFh
WSEQ_DATA_WIDTH = 000
WSEQ_DATA_START = 0000
WSEQ_ADDR = FFh
This modifies WSEQ Index 17 (11h) with Dummy step
R110 (6Eh)
Write Sequencer 2
0000h
WSEQ_EOS = 0
WSEQ_DELAY = 0000
WSEQ_DATA = 00h
This modifies WSEQ Index 17 (11h) with Dummy step
R111 (6Fh)
Write Sequencer 3
0100h
WSEQ_ABORT = 0
WSEQ_START = 1
WSEQ_START_INDEX = 00h
This starts the Write Sequencer at Index address 0 (00h)
R33 (21h)
DAC Digital 1
0000h
DAC_MONO = 0
DAC_SB_FILT = 0
DAC_MUTERATE = 0
DAC_UNMUTE_RAMP = 0
DAC_OSR128 = 0
DAC_MUTE = 0
DEEMPH = 00
This un-mutes the DACs
Table 92 Fast Start-up from Standby Control
The WSEQ_BUSY bit (in Register R112, see Table 85) will be set to 1 while the sequence runs.
When this bit returns to 0, the device has been set up and is ready for DAC playback operation.
QUICK SHUTDOWN (DEFAULT SEQUENCE)
The default shutdown sequence assumes the initial device conditions are as configured by the default
start-up sequence. Assuming 12.288MHz input clock, the shutdown sequence will take approximately
350ms to complete.
The following register operation will initiate the default shutdown sequence.
REGISTER
ADDRESS
VALUE
DESCRIPTION
R111 (6Fh)
Write Sequencer 3
0119h
WSEQ_ABORT = 0
WSEQ_START = 1
WSEQ_START_INDEX = 19h
This starts the Write Sequencer at Index address 25 (19h)
Table 93 Quick Shutdown Control
The WSEQ_BUSY bit (in Register R112, see Table 85) will be set to 1 while the sequence runs.
When this bit returns to 0, the system clock can be disabled (CLK_SYS_ENA=0) and MCLK can be
stopped.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com